Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA9242M Datasheet (PDF) - Sanyo Semicon Device

LA9242M Datasheet PDF - Sanyo Semicon Device
Part # LA9242M
Download  LA9242M Download
File Size   150.79 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Analog Signal Processor ASP for CD Players

LA9242M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA9242M Datasheet PDF - Sanyo Semicon Device

Part # LA9242M
Download  LA9242M Click to download

File Size   150.79 Kbytes
Page   20 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Analog Signal Processor ASP for CD Players

LA9242M Datasheet (HTML) - Sanyo Semicon Device


LA9242M Product details

Overview
The LA9242M is an analog signal processing and servo control bipolar IC designed for use in compact disc players ; a compact disc player can be configured by combining this IC with a CD-DSP such as the LC78922E and LC78620E, with a small number of additional components required. In addition, this IC allows CD-RW disk playback due to the on-chip gain switching function.

Features
• The following automatic adjustment functions are built in.
   • Focus offset auto cancel : FE (pin 20)
   • Tracking offset auto cancel : TE (pin 7).
   • EF balance auto adjustment.
   • RF level AGC function.
   • Tracking servo gain RF level following function.
• Focus search smoothing setting pin : FSC (pin 46)
• EF balance adjustment variable range setting pin : (pin 47)
• Focus search mode switching pin : (pin 55)
• Play disc (Normal, CD-RW) mode switching pin : (pin 38)




Similar Part No. - LA9242M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
Analog Signal Processor (ASP) for CD players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
Analog Signal Processor ASP for CD players
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
CD-ROM Digital Servo RF IC
More results


Similar Description - LA9242M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
Analog Signal Processor for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
Analog Signal Processing Circuit (ASP) for CD players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
Analog Signal Processor ASP for CD players?
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
Analog Signal Processor (ASP) for CD players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
Analog Signal Processor ASP for CD players
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
CD Player Analog Signal Processor (ASP)
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
CD Player Analog Signal Processor (ASP)
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
ASP (Analog Signal Processor) for CD Players
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
Monolithic Linear IC Analog Signal Processor for CD Players
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com