Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA9251M Datasheet (PDF) - Sanyo Semicon Device

LA9251M Datasheet PDF - Sanyo Semicon Device
Part # LA9251M
Download  LA9251M Download
File Size   152.47 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD Player Analog Signal Processor (ASP)

LA9251M Datasheet (PDF)

Go To PDF Page Download Datasheet
LA9251M Datasheet PDF - Sanyo Semicon Device

Part # LA9251M
Download  LA9251M Click to download

File Size   152.47 Kbytes
Page   17 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description CD Player Analog Signal Processor (ASP)

LA9251M Datasheet (HTML) - Sanyo Semicon Device


LA9251M Product details

Overview

The LA9251M is a servo signal-processing IC for CD players. In combination with a CD DSP such as the LC78626KE, it can implement a CD player with a minimal number of external components.



Features

• Low-voltage operation: 2.4 V (minimum)

• Low current drain: 15 mA (at VCC= 3.0 V, typical)

• Built-in EF balance adjustment

• Built-in RF level AGC function

• RF level follower function for the tracking servo gain (with turn-off function)



Functions

• I/V amplifier

• SLC

• FE

• Focus servo amplifier

• Spindle servo amplifier (with gain switching function)

• Focus detection (DRF and FZD)

• Defect detection

• RF amplifier with AGC

• APC

• TE (with variable gain and auto balance function)

• Tracking servo amplifier

• Sled servo amplifier (with turn-off function)

• Track detection (HFL, TES)

• Shock detection



 




Similar Part No. - LA9251M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
CD Player Analog Signal Processor (ASP)
More results


Similar Description - LA9251M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65821FP MITSUBISHI-M65821FP Datasheet
1Mb / 24P
CD PLAYER DIGITAL SIGNAL PROCESSOR
logo
Sanyo Semicon Device
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
Analog Signal Processor ASP for CD players?
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
Analog Signal Processor (ASP) for CD players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
Analog Signal Processor ASP for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
Analog Signal Processor ASP for CD Players
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
CD Player Analog Signal Processor (ASP)
logo
Mitsubishi Electric Sem...
M50427FP MITSUBISHI-M50427FP Datasheet
848Kb / 17P
CD PLAYER DIGITAL SIGNAL PROCESSOR
M50423FP MITSUBISHI-M50423FP Datasheet
638Kb / 21P
CD Player Digital Signal Processor
logo
Sanyo Semicon Device
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
ASP (Analog Signal Processor) for CD Players
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com