Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC8390 Datasheet (PDF) - Sanyo Semicon Device

LC8390 Datasheet PDF - Sanyo Semicon Device
Part # LC8390
Download  LC8390 Download
File Size   227.0 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 16bits A/D and D/A Converters for Digital Audio Systems

LC8390 Datasheet (PDF)

Go To PDF Page Download Datasheet
LC8390 Datasheet PDF - Sanyo Semicon Device

Part # LC8390
Download  LC8390 Click to download

File Size   227.0 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 16bits A/D and D/A Converters for Digital Audio Systems

LC8390 Datasheet (HTML) - Sanyo Semicon Device


LC8390 Product details

Overview
The LC8390M combines two-channel D/A and A/D converters in a single chip

Features
• A/D Converter Block
   — Quadratic ∆Σ modulation
   — 16-bits resolution
   — Built-in aliasing noise prevention digital filter
   — A/D converters for two channels built in (synchronized input when standard audio output is used)
   — S/N = 80 dB, THD + N = 0.025% (typical, A compensation filter used)
   — Digital output: MSB first, forward packed, bit clock rates of 32, 48, and 64 Fs
   — External integrator used.
• D/A Converter Block
   — 16× oversampling quadratic noise shaper + PWM
   — 16-bits resolution
   — D/A converters for two channels built in (synchronized output)
   — S/N = 85 dB, THD + N = 0.03% (typical, A compensation filter used)
   — Digital input: MSB first, backward packed, bit clock rates of 32, 48, and 64 Fs
   — Digital oversampling filters are not built in.
• Built-in double-buffering serial I/O circuits. (These circuits support both standard audio I/O and I/O with arbitrary timing.)
• Sampling frequencies of 48, 44.1, and 32 kHz
• Master clock: 512 Fs (24.576 MHz when fs = 48 kHz) or 384 Fs
   Notes: Only the A/D converters operate when 384 Fs is selected as the master clock. The D/A converters do not operate in this mode. Since the analog I/F and analog power supply pins are more susceptible to damage from static electricity than the other pins, extra care is required.
   Analog I/F pins: DZOUTL, ADL2, ADLVSS, ADLVDD, ADL3, DZOUTR, ADR2, ADRVSS, ADRVDD, ADR3, DALVSS, PWML, DALVDD, DARVSS, PWMR, DARVDD
• Package: 30-pin MFP
• Power supply: 5 V, single voltage, CMOS




Similar Part No. - LC8390

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC83010N SANYO-LC83010N Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
LC83010NE SANYO-LC83010NE Datasheet
446Kb / 20P
AUDIO DIGITAL SIGNAL PROCESSOR
LC83015 SANYO-LC83015 Datasheet
353Kb / 16P
Digital Signal Processor for Audio Applications
LC83015E SANYO-LC83015E Datasheet
353Kb / 16P
Digital Signal Processor for Audio Applications
LC83025 SANYO-LC83025 Datasheet
262Kb / 15P
Digital Signal Processor for Karaoke Products
More results


Similar Description - LC8390

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5865CM NPC-SM5865CM Datasheet
319Kb / 20P
D/A Converter for Digital Audio
logo
Panasonic Semiconductor
MN35502 PANASONIC-MN35502 Datasheet
67Kb / 8P
D/A Converter for Digital Audio Equipment
MN35503 PANASONIC-MN35503 Datasheet
71Kb / 9P
D/A Converter for Digital Audio Equipment
logo
Sanyo Semicon Device
LC78850 SANYO-LC78850 Datasheet
166Kb / 8P
Two-channel,16- and 18-bit D/A Converters for Digital Audio
LC78856M SANYO-LC78856M Datasheet
177Kb / 8P
Built-in Digital Filter D/A Converters for Digital Audio
logo
Cirrus Logic
CS5336 CIRRUS-CS5336 Datasheet
681Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
logo
Nippon Precision Circui...
SM5865BM NPC-SM5865BM Datasheet
158Kb / 17P
D/A Converter for Digital Audio
logo
Asahi Kasei Microsystem...
AKD4386 AKM-AKD4386_05 Datasheet
293Kb / 23P
96kHz D/A converter for portable audio and home audio systems
logo
Cirrus Logic
CS5326 CIRRUS-CS5326 Datasheet
688Kb / 19P
16 & 18-Bit, Stereo A/D Converters for Digital Audio
MAR 92
CS5336 CIRRUS-CS5336_V01 Datasheet
816Kb / 34P
16-Bit, Stereo A/D Converters for Digital Audio
AUG 93
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com