Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6538 Datasheet (PDF) - Sanyo Semicon Device

CPH6538 Datasheet PDF - Sanyo Semicon Device
Part # CPH6538
Download  CPH6538 Download
File Size   336.08 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications

CPH6538 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH6538 Datasheet PDF - Sanyo Semicon Device

Part # CPH6538
Download  CPH6538 Click to download

File Size   336.08 Kbytes
Page   4 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications

CPH6538 Datasheet (HTML) - Sanyo Semicon Device


CPH6538 Product details

NPN Epitaxial Planar Silicon Transistor

Features
• Small-sized package with two NPN transistors (30C02CH equivalency) contained in one package
• VCEO=30V, IC=0.7A
• Low Collector-to-Emitter Saturation Voltage VCE(sat)=85mV(typ.)@IC=0.2A
• High-speed switching tf=40ns(typ.)@IC=0.3A




Similar Part No. - CPH6538

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
CPH6538-TL-H ONSEMI-CPH6538-TL-H Datasheet
526Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
More results


Similar Description - CPH6538

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6013 SANYO-2SC6013 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6015 SANYO-2SC6015 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6016 SANYO-2SC6016 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
2SC6022 SANYO-2SC6022 Datasheet
44Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3235 SANYO-CPH3235 Datasheet
38Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3217 SANYO-MCH3217 Datasheet
38Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3218 SANYO-MCH3218 Datasheet
37Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
MCH3222 SANYO-MCH3222 Datasheet
39Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com