Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPH6538 Datasheet (PDF) - ON Semiconductor

CPH6538 Datasheet PDF - ON Semiconductor
Part # CPH6538
Download  CPH6538 Download
File Size   526.79 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6

CPH6538 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPH6538 Datasheet PDF - ON Semiconductor

Part # CPH6538
Download  CPH6538 Click to download

File Size   526.79 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6

CPH6538 Datasheet (HTML) - ON Semiconductor


CPH6538 Product details

Bipolar Transistor
30V, 0.7A, Low VCE(sat) NPN Dual CPH6

Features
• Small-sized package with two NPN transistors (30C02CH equivalency) contained in one package
• VCEO=30V, IC=0.7A
• Low Collector-to-Emitter Saturation Voltage VCE(sat)=85mV(typ.)@IC=0.2A
• High-speed switching tf=40ns(typ.)@IC=0.3A
• Halogen free Compliance




Similar Part No. - CPH6538

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6538 SANYO-CPH6538 Datasheet
336Kb / 4P
NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
More results


Similar Description - CPH6538

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SD1618 ONSEMI-2SD1618 Datasheet
272Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
September, 2013
15C01C ONSEMI-15C01C Datasheet
308Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single CP
August, 2013
30A02MH ONSEMI-30A02MH Datasheet
369Kb / 6P
Bipolar Transistor -30V, -0.7A, Low VCE(sat) PNP Single MCPH3
August, 2013
30C02MH ONSEMI-30C02MH Datasheet
369Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Single MCPH3
August, 2013
CPH6122 ONSEMI-CPH6122 Datasheet
530Kb / 6P
Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Single CPH6
September, 2013
CPH6531 ONSEMI-CPH6531 Datasheet
529Kb / 6P
Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Dual CPH6
August, 2013
CPH6539 ONSEMI-CPH6539 Datasheet
556Kb / 6P
Bipolar Transistor 30V, 1.5A, Low VCE(sat) NPN Dual CPH6
August, 2013
MCH6534 ONSEMI-MCH6534 Datasheet
524Kb / 6P
Bipolar Transistor 15V, 0.7A, Low VCE(sat) NPN Single MCPH6
August, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com