Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV1100 Datasheet (PDF) - Sanyo Semicon Device

LV1100 Datasheet PDF - Sanyo Semicon Device
Part # LV1100
Download  LV1100 Download
File Size   142.57 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Surround Audio Signal-Processing IC

LV1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LV1100 Datasheet PDF - Sanyo Semicon Device

Part # LV1100
Download  LV1100 Click to download

File Size   142.57 Kbytes
Page   10 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Digital Surround Audio Signal-Processing IC

LV1100 Datasheet (HTML) - Sanyo Semicon Device


LV1100 Product details

Overview
The LV1100 is an audio signal-processing Bi-CMOS LSI that integrates input and output filters, a delay line (builtin memory), and a delay/reverb function with a maximum delay of 120 ms on a single chip. It also provides built-in fixed matrix (L+R, L–R) and front mixing (with level and phase switching) functions. A full complement of surround modes can be easily implemented by combining these functions.

Functions and Features
• Input switching (L+R, L–R, IN–A)
• On-chip memory (12K SRAM)
• Front adder (+3 dB, 0 dB, –3 dB, -∞)
• Input and output filters
• Input filter –7 kHz low-pass filter
• Output filter –5 kHz low-pass filter: switchable with a 3 kHz low-pass filter
• On-chip VDD circuit
• Input and output muting function
• A simulated surround system can be easily implemented with only one chip.
• ADM A/D and D/A converters
• Variable delay times
   – Short mode; Maximum delay: 60 ms. Delay time selectable from six delay times in 10-ms steps.
   – Long mode; Maximum delay: 120 ms. Delay time selectable from six delay times in 20-ms steps.




Similar Part No. - LV1100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1110NM SANYO-LV1110NM Datasheet
351Kb / 22P
Digital Surround Processor IC
LV1115 SANYO-LV1115 Datasheet
322Kb / 15P
Surround Processor ICs for Electronic Volume Control
LV1115M SANYO-LV1115M Datasheet
322Kb / 15P
Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
514Kb / 4P
Surround Processor ICs for Electronic Volume Control
LV1116N SANYO-LV1116N Datasheet
372Kb / 18P
Surround Processor ICs for Electronic Volume Control
More results


Similar Description - LV1100

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7090FHQ PANASONIC-AN7090FHQ Datasheet
138Kb / 14P
Peripheral analog IC for audio signal processing
logo
NXP Semiconductors
SAA7740H PHILIPS-SAA7740H Datasheet
142Kb / 28P
Digital Audio Processing IC DAPIC
1997 May 30
logo
STMicroelectronics
TDA7550 STMICROELECTRONICS-TDA7550 Datasheet
118Kb / 12P
DIGITAL SIGNAL PROCESSING IC FOR SPEECH AND AUDIO APPLICATIONS
Sep-1999
logo
Sanyo Semicon Device
LA2610 SANYO-LA2610 Datasheet
39Kb / 5P
Analog Surround Processing IC
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
CCD Digital Signal Processing IC
logo
Panasonic Semiconductor
AN12943A PANASONIC-AN12943A Datasheet
501Kb / 32P
Audio signal processing IC for notebook PC
logo
Sanyo Semicon Device
LA71750EM SANYO-LA71750EM Datasheet
621Kb / 2P
Video and Audio Signal-Processing IC
LA71730EM SANYO-LA71730EM Datasheet
624Kb / 2P
VIDEO AND AUDIO SIGNAL-PROCESSING IC
logo
STMicroelectronics
TDA7590 STMICROELECTRONICS-TDA7590 Datasheet
341Kb / 40P
Digital signal processing IC for speech and audio applications
11-Apr-2006
TDA7590 STMICROELECTRONICS-TDA7590_09 Datasheet
326Kb / 42P
Digital signal processing IC for speech and audio applications
26-Jan-2009
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com