Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB002-15CP Datasheet (PDF) - Sanyo Semicon Device

SB002-15CP Datasheet PDF - Sanyo Semicon Device
Part # SB002-15CP
Download  SB002-15CP Download
File Size   55.58 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150V, 20mA Rectifier

SB002-15CP Datasheet (PDF)

Go To PDF Page Download Datasheet
SB002-15CP Datasheet PDF - Sanyo Semicon Device

Part # SB002-15CP
Download  SB002-15CP Click to download

File Size   55.58 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 150V, 20mA Rectifier

SB002-15CP Datasheet (HTML) - Sanyo Semicon Device


SB002-15CP Product details

150V, 20mA Rectifier

Features
• Low forward voltage (VF max=0.75V).
• Fast reverse recovery time (trr max=10ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planner structure.

Applications
• High frequency rectification (switching regulators, converters and choppers).




Similar Part No. - SB002-15CP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
150V, 20mA Rectifier
More results


Similar Description - SB002-15CP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB002-15SPA SANYO-SB002-15SPA Datasheet
55Kb / 2P
150V, 20mA Rectifier
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
150V, 100mA Rectifier
SB01-15NP SANYO-SB01-15NP Datasheet
56Kb / 2P
150V, 100mA Rectifier
SB02-15 SANYO-SB02-15 Datasheet
57Kb / 2P
150V, 200mA Rectifier
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
150V, 100mA Rectifier
logo
PFC Device Inc.
PFR30L150CT PFC-PFR30L150CT Datasheet
777Kb / 7P
30A 150V MOS Schottky Rectifier
PT15A150SP PFC-PT15A150SP Datasheet
723Kb / 5P
15A 150V HPTR Schottky Rectifier
logo
Silicon Supplies
MURC1515 SS-MURC1515 Datasheet
1Mb / 4P
150V 15A 35ns Rectifier
Rev 1.0 27/12/22
logo
Nanjing International G...
SR10150CT DGNJDZ-SR10150CT Datasheet
1Mb / 7P
10A 150V SCHOTTKY RECTIFIER
SR20150CT DGNJDZ-SR20150CT Datasheet
1Mb / 7P
20A 150V SCHOTTKY RECTIFIER
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com