Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB10-04A3 Datasheet (PDF) - Sanyo Semicon Device

SB10-04A3 Datasheet PDF - Sanyo Semicon Device
Part # SB10-04A3
Download  SB10-04A3 Download
File Size   65.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 1.0A Rectifier

SB10-04A3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB10-04A3 Datasheet PDF - Sanyo Semicon Device

Part # SB10-04A3
Download  SB10-04A3 Click to download

File Size   65.41 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 40V, 1.0A Rectifier

SB10-04A3 Datasheet (HTML) - Sanyo Semicon Device


SB10-04A3 Product details

Features
• Meets the requirements for automatic mounter.
• Low forward voltage (VF max=0.55V).
• Small capacitance (C typ=45pF).
• Average rectified current (IO=1.0A).

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB10-04A3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
15V, 1A Rectifier
SB10-03A2 SANYO-SB10-03A2 Datasheet
93Kb / 3P
30V, 1.0A Rectifier
logo
ON Semiconductor
SB10-03A2 ONSEMI-SB10-03A2 Datasheet
724Kb / 3P
Schottky Rectifier
July, 2013
logo
Sanyo Semicon Device
SB10-03A3 SANYO-SB10-03A3 Datasheet
93Kb / 3P
30V, 1.0A Rectifier
More results


Similar Description - SB10-04A3

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SM17 MOSPEC-SM17 Datasheet
230Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(1.0A,20-40V)
logo
Sanyo Semicon Device
DSM10 SANYO-DSM10 Datasheet
47Kb / 2P
1.0A Power Rectifier
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
59Kb / 2P
1.0A RECTIFIER
DS28002 Rev. E-2
logo
Vishay Siliconix
1N400X VISHAY-1N400X Datasheet
28Kb / 2P
1.0A RECTIFIER
logo
Diodes Incorporated
1N4001 DIODES-1N4001_1 Datasheet
74Kb / 3P
1.0A RECTIFIER
DS28002 Rev. 7 - 2
logo
Gulf Semiconductor
1N5817 GULFSEMI-1N5817 Datasheet
89Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 1.0A
logo
Diodes Incorporated
1N4001 DIODES-1N4001_2 Datasheet
55Kb / 3P
1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Central Semiconductor C...
CBRHDSH1-200 CENTRAL-CBRHDSH1-200 Datasheet
1Mb / 2P
1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package
logo
Diodes Incorporated
1N4001 DIODES-1N4001_15 Datasheet
55Kb / 3P
1.0A RECTIFIER
Rev erse
logo
Central Semiconductor C...
PBCBRLDSH1-40_1509 CENTRAL-PBCBRLDSH1-40_1509 Datasheet
1Mb / 2P
1.0A, 40V Schottky Bridge Rectifi er
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com