Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB100-05H Datasheet (PDF) - Sanyo Semicon Device

SB100-05H Datasheet PDF - Sanyo Semicon Device
Part # SB100-05H
Download  SB100-05H Download
File Size   85.66 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 10A Rectifier

SB100-05H Datasheet (PDF)

Go To PDF Page Download Datasheet
SB100-05H Datasheet PDF - Sanyo Semicon Device

Part # SB100-05H
Download  SB100-05H Click to download

File Size   85.66 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 10A Rectifier

SB100-05H Datasheet (HTML) - Sanyo Semicon Device


SB100-05H Product details

50V, 10A Rectifier

Features
• Low forward voltage (VF max=0.55V).
• Fast reverse recovery time (trr max=60ns).
• Low switching noise.
• Low leakage current and high reliability due to highly reliable planar structure.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB100-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB100-05J SANYO-SB100-05J Datasheet
84Kb / 3P
50V, 10A Rectifier
More results


Similar Description - SB100-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB100-05J SANYO-SB100-05J Datasheet
84Kb / 3P
50V, 10A Rectifier
logo
Thinki Semiconductor Co...
10SQ050 THINKISEMI-10SQ050 Datasheet
483Kb / 2P
10A,50V PhotoVoltaic Bypass Schottky Barrier Rectifier Diode
logo
Frontier Electronics.
SF1005FCT FRONTIER-SF1005FCT Datasheet
1Mb / 2P
10A SUPER FAST RECOVERY RECTIFIER 50V-600V
logo
DONGGUAN YOU FENG WEI E...
P10V50 YFWDIODE-P10V50 Datasheet
319Kb / 4P
10A 50V MOS Schottky Rectifier
P15V50-TO277 YFWDIODE-P15V50-TO277 Datasheet
710Kb / 4P
10A 50V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TS10P01G-K TSC-TS10P01G-K Datasheet
391Kb / 6P
10A, 50V - 1000V Glass Passivated Bridge Rectifier
logo
PFC Device Inc.
P10V50SP PFC-P10V50SP Datasheet
723Kb / 5P
10A 50V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD10S50SL LUGUANG-SD10S50SL Datasheet
2Mb / 4P
10A/50V Low VF Schottky Rectifier
SD10U50SL LUGUANG-SD10U50SL Datasheet
5Mb / 4P
10A/50V Low VF Schottky Rectifier
logo
Taiwan Semiconductor Co...
SFS1001GH TSC-SFS1001GH Datasheet
590Kb / 6P
10A, 50V - 600V Super Fast Surface Mount Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com