Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB80-05H Datasheet (PDF) - Sanyo Semicon Device

SB80-05H Datasheet PDF - Sanyo Semicon Device
Part # SB80-05H
Download  SB80-05H Download
File Size   71.83 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 8A Rectifier

SB80-05H Datasheet (PDF)

Go To PDF Page Download Datasheet
SB80-05H Datasheet PDF - Sanyo Semicon Device

Part # SB80-05H
Download  SB80-05H Click to download

File Size   71.83 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 50V, 8A Rectifier

SB80-05H Datasheet (HTML) - Sanyo Semicon Device


SB80-05H Product details

Features

· Low forward voltage (VF max=0.55V).

· Fast reverse recovery time (trr max=60ns).

· Low switching noise.

· Low leakage current and high reliability due to highly reliable planar structure.



Applications

· High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SB80-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB80-05 SANYO-SB80-05 Datasheet
72Kb / 3P
50V, 8A Rectifier
SB80-05J SANYO-SB80-05J Datasheet
72Kb / 3P
50V, 8A Rectifier
More results


Similar Description - SB80-05H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1825 SANYO-2SA1825 Datasheet
131Kb / 4P
50V/8A Switching Applications
2SB1166 SANYO-2SB1166 Datasheet
126Kb / 4P
50V/8A Switching Applications
SB80-05J SANYO-SB80-05J Datasheet
72Kb / 3P
50V, 8A Rectifier
SB80-09 SANYO-SB80-09 Datasheet
71Kb / 3P
90V, 8A Rectifier
SB80-09J SANYO-SB80-09J Datasheet
82Kb / 3P
90V, 8A Rectifier
logo
Diodes Incorporated
DSR8U600 DIODES-DSR8U600 Datasheet
93Kb / 4P
8A DIODESTAR RECTIFIER
DS35011 Rev. 2 - 2
logo
Sanyo Semicon Device
SB80W06T SANYO-SB80W06T Datasheet
263Kb / 3P
60V, 8A Rectifier
SBT80-04GS SANYO-SBT80-04GS Datasheet
237Kb / 3P
40V, 8A Rectifier
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
100V, 8A Rectifier
logo
KIA Semiconductor Techn...
08065A KIA-08065A Datasheet
66Kb / 3P
8A竊?50V Silicon Carbide Diode
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com