Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBS001C Datasheet (PDF) - Sanyo Semicon Device

SBS001C Datasheet PDF - Sanyo Semicon Device
Part # SBS001C
Download  SBS001C Download
File Size   52.1 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15V, 500mA Rectifier

SBS001C Datasheet (PDF)

Go To PDF Page Download Datasheet
SBS001C Datasheet PDF - Sanyo Semicon Device

Part # SBS001C
Download  SBS001C Click to download

File Size   52.1 Kbytes
Page   2 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15V, 500mA Rectifier

SBS001C Datasheet (HTML) - Sanyo Semicon Device


SBS001C Product details

15V, 500mA Rectifier

Features
• Low forward voltage (VF max=0.45V).
• Low leakage current and high reliability due to highly reliable planar structure.
• Small-sized package permitting SBS001C-applied sets to be compact and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBS001C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
15V, 1A Rectifier
SBS005 SANYO-SBS005 Datasheet
36Kb / 3P
30V, 1A Rectifier
logo
Cypress Semiconductor
SBS005 CYPRESS-SBS005 Datasheet
2Mb / 23P
Power Supply Application
logo
Sanyo Semicon Device
SBS006M SANYO-SBS006M Datasheet
46Kb / 3P
30V, 0.5A Rectifier
SBS007M SANYO-SBS007M Datasheet
42Kb / 2P
SBS007M
More results


Similar Description - SBS001C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC810 SANYO-FC810 Datasheet
50Kb / 2P
15V, 700mA Rectifier
SB07-015C SANYO-SB07-015C Datasheet
51Kb / 2P
15V, 700mA Rectifier
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
15V, 1A Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
15V, 1A Rectifier
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
15V, 1A Rectifier
SB0503EJ SANYO-SB0503EJ Datasheet
40Kb / 3P
30V, 500mA Rectifier
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
Schottky Barrier Diode 15V, 500mA Rectifier
logo
Monolithic Power System...
EV6507GF-00A MPS-EV6507GF-00A Datasheet
322Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
EV6507GQ-00A MPS-EV6507GQ-00A Datasheet
301Kb / 6P
500mA,15V, Bipolar Stepper Motor Driver Evaluation Board
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com