Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3002AELD Datasheet (PDF) - NXP Semiconductors

PMEG3002AELD Datasheet PDF - NXP Semiconductors
Part # PMEG3002AELD
Download  PMEG3002AELD Download
File Size   801.35 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, 0.2 A low VF MEGA Schottky barrier rectifier

PMEG3002AELD Datasheet (PDF)

Go To PDF Page Download Datasheet
PMEG3002AELD Datasheet PDF - NXP Semiconductors

Part # PMEG3002AELD
Download  PMEG3002AELD Click to download

File Size   801.35 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, 0.2 A low VF MEGA Schottky barrier rectifier

PMEG3002AELD Datasheet (HTML) - NXP Semiconductors


PMEG3002AELD Product details

General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD882D leadless ultra small Surface-Mounted Device (SMD) plastic package with visible and solderable side pads.

Features and benefits
■ Forward current: IF ≤ 0.2 A
■ Reverse voltage: VR ≤ 30 V
■ Low forward voltage: VF ≤ 480 mV
■ AEC-Q101 qualified
■ Solderable side pads
■ Package height typ. 0.37 mm
■ Ultra small and leadless SMD plastic package

Applications
■ Low voltage rectification
■ High efficiency DC-to-DC conversion
■ Switch Mode Power Supply (SMPS)
■ Reverse polarity protection
■ Low power consumption applications
■ Ultra high-speed switching




Similar Part No. - PMEG3002AELD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3002AELD NEXPERIA-PMEG3002AELD Datasheet
1Mb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 19 April 2011
logo
NXP Semiconductors
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
More results


Similar Description - PMEG3002AELD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2002AESF PHILIPS-PMEG2002AESF_15 Datasheet
197Kb / 14P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
22 January 2014
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
PMEG3002AESF PHILIPS-PMEG3002AESF_15 Datasheet
192Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
13 February 2015
PMEG3002ESF PHILIPS-PMEG3002ESF_15 Datasheet
193Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
17 February 2015
logo
Nexperia B.V. All right...
PMEG2002AESFB NEXPERIA-PMEG2002AESFB Datasheet
206Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG2002ESF NEXPERIA-PMEG2002ESF Datasheet
211Kb / 13P
20 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002AESF NEXPERIA-PMEG3002AESF Datasheet
213Kb / 13P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG3002ESF NEXPERIA-PMEG3002ESF Datasheet
704Kb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
PMEG4002EL NEXPERIA-PMEG4002EL Datasheet
206Kb / 8P
40 V, 0.2 A low Vf MEGA Schottky barrier rectifier
1 October 2022
PMEG3002AELD NEXPERIA-PMEG3002AELD Datasheet
1Mb / 14P
30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 19 April 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com