Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDK5116F Datasheet (PDF) - Infineon Technologies AG

TDK5116F Datasheet PDF - Infineon Technologies AG
Part # TDK5116F
Download  TDK5116F Download
File Size   752.62 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 868 MHz ASK/FSK Transmitter in 10-pin Package

TDK5116F Datasheet (PDF)

Go To PDF Page Download Datasheet
TDK5116F Datasheet PDF - Infineon Technologies AG

Part # TDK5116F
Download  TDK5116F Click to download

File Size   752.62 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 868 MHz ASK/FSK Transmitter in 10-pin Package

TDK5116F Datasheet (HTML) - Infineon Technologies AG


TDK5116F Product details

Product Description

Overview

The TDK5116F is a single chip ASK/FSK transmitter for operation in the frequency band 866 ... 870 MHz. The IC offers a high level of integration and needs only a few external components. The device contains a fully integrated PLL synthesizer and a high efficiency power amplifier to drive a loop antenna. A special circuit design and an unique power amplifier design are used to save current consumption and therefore to save battery life. Additional features are a power down mode and a divided clock output.



Features

• fully integrated frequency synthesizer

• VCO without external components

• ASK and FSK modulation

• frequency range 866 ... 870 MHz

• high efficiency power amplifier (typically 10 dBm)

• low supply current

• voltage supply range 2.1 ... 4 V

• temperature range −40 ... +125°C

• power down mode

• crystal oscillator 13.56 MHz

• FSK-switch

• divided clock output for µC

• low external component count



Application

• Tire pressure monitoring systems

• Keyless entry systems

• Remote control systems

• Alarm systems

• Communication systems



 




Similar Part No. - TDK5116F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDK5110FHTMA1 INFINEON-TDK5110FHTMA1 Datasheet
756Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDK5111 INFINEON-TDK5111 Datasheet
588Kb / 39P
ASK/FSK Transmitter 315 MHz
Version 1.1 October 2002
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
More results


Similar Description - TDK5116F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5101F INFINEON-TDK5101F Datasheet
498Kb / 34P
315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7100 INFINEON-TDA7100 Datasheet
1Mb / 41P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, May 2007
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDK5101F INFINEON-TDK5101F_07 Datasheet
1Mb / 40P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007
TDK5110F INFINEON-TDK5110F Datasheet
756Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, July 2006
TDK5111F INFINEON-TDK5111F Datasheet
893Kb / 36P
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007
TDA7110F INFINEON-TDA7110F Datasheet
734Kb / 36P
434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, February 2009
TDA7116F INFINEON-TDA7116F Datasheet
731Kb / 36P
868 MHz ASK/FSK Transmitter in 10-pin Package
V 1.0, March 2009
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com