Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4976-2K Datasheet (PDF) - Infineon Technologies AG

TLV4976-2K Datasheet PDF - Infineon Technologies AG
Part # TLV4976-2K
Download  TLV4976-2K Download
File Size   1436.51 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications

TLV4976-2K Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV4976-2K Datasheet PDF - Infineon Technologies AG

Part # TLV4976-2K
Download  TLV4976-2K Click to download

File Size   1436.51 Kbytes
Page   17 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications

TLV4976-2K Datasheet (HTML) - Infineon Technologies AG


TLV4976-2K Product details

Overview
The TLV4976-2K is a high precision unipolar Hall switch with a two wire, 6mA/14mA current interface in a SMD package. A chopped measurement principle provides high stability switching thresholds for operating temperatures between -40°C and 85°C.

Features
• 3.0V to 18V supply voltage operation
• High sensitivity and high stability of the magnetic switching points
• High resistance to mechanical stress by Active Error Compensation
• Reverse battery protection (-18V)
• Superior temperature stability
• Low jitter (typ. 1µs)
• High ESD performance (± 4kV HBM)
• Digital output signal with current modulation 6 / 14mA
• Unipolar version
• SMD package SC59 (SOT23 compatible), lead free and halogen free
• For industrial and consumer applications, not qualified for automotive applications

Target Applications
   The sensor targets all applications where a high precision unipolar magnetic switch is required (e.g. position sensing). Due to the current interface the number of wires required in the application is minimized thus saving costs and increasing reliability. This is specially helpful in all applications where the microcontroller is not on the same PCB as the Hall switch but in some distance.




Similar Part No. - TLV4976-2K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4976-1K INFINEON-TLV4976-1K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.0, 2010-08-02
More results


Similar Description - TLV4976-2K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4976-1K INFINEON-TLV4976-1K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.0, 2010-08-02
logo
Allegro MicroSystems
A3295KUA-T ALLEGRO-A3295KUA-T Datasheet
216Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
A3295 ALLEGRO-A3295_16 Datasheet
518Kb / 9P
Chopper Stabilized, Precision Hall Effect Switch for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLV4946K INFINEON-TLV4946K Datasheet
1Mb / 16P
Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13295 ALLEGRO-APS13295 Datasheet
656Kb / 14P
Precision Hall-Effect Switch for Consumer and Industrial Applications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com