Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4946K Datasheet (PDF) - Infineon Technologies AG

TLV4946K Datasheet PDF - Infineon Technologies AG
Part # TLV4946K
Download  TLV4946K Download
File Size   1359.3 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Latches for Industrial and Consumer Applications

TLV4946K Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV4946K Datasheet PDF - Infineon Technologies AG

Part # TLV4946K
Download  TLV4946K Click to download

File Size   1359.3 Kbytes
Page   16 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Value Optimized Hall Effect Latches for Industrial and Consumer Applications

TLV4946K Datasheet (HTML) - Infineon Technologies AG


TLV4946K Product details

Overview
The TLV4946K and TLV4946-2K are high precision Hall Effect Latches with highly accurate switching thresholds for ambient operating temperatures up to 85°C.
The TLV4946K and the TLV4946-2K are available in a lead-free and halogen-free SMD package PG-SC59-3-5 package to meet current and future requirements.

Features
• 2.7 V to 18 V supply voltage operation.
• Operation from unregulated power supply.
• High sensitivity and high stability of the magnetic switching points.
• High resistance to mechanical stress by active error compensation.
• Reverse battery protection (-18 V).
• Superior temperature stability.
• Low jitter (typically 1 µs).
• High ESD performance (± 4 kV HBM).
• Digital output signal (open-drain).
• Lead-free and halogen free SMD package
• Not suitable for automotive applications

Target Applications
   The TLV4946-2K is ideally suited to detect the rotor position in Brushless DC (BLDC) Motors used in industrial and consumer applications, such as: air conditioning systems, pumps, washing machines, DVD players, rolling shutter, etc. The TLV4946K can be used in index counting applications with a magnetized pole wheel mounted on the axle of a motor.




Similar Part No. - TLV4946K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
More results


Similar Description - TLV4946K

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
logo
Infineon Technologies A...
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4976-1K INFINEON-TLV4976-1K Datasheet
1Mb / 16P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.0, 2010-08-02
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
logo
Allegro MicroSystems
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
Precision Hall-Effect Latches for Consumer and Industrial Applications
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com