Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCHC11F1CFNE3R Datasheet (PDF) - Motorola, Inc

MCHC11F1CFNE3R Datasheet PDF - Motorola, Inc
Part # MCHC11F1CFNE3R
Download  MCHC11F1CFNE3R Download
File Size   486.08 Kbytes
Page   68 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Technical Summary 8-Bit Microcontroller

MCHC11F1CFNE3R Datasheet (PDF)

Go To PDF Page Download Datasheet
MCHC11F1CFNE3R Datasheet PDF - Motorola, Inc

Part # MCHC11F1CFNE3R
Download  MCHC11F1CFNE3R Click to download

File Size   486.08 Kbytes
Page   68 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Technical Summary 8-Bit Microcontroller

MCHC11F1CFNE3R Datasheet (HTML) - Motorola, Inc


MCHC11F1CFNE3R Product details

Introduction
The MC68HC11F1 is a high-performance member of the M68HC11 family of microcontroller units (MCUs). High-speed expanded systems required the development of this chip with its extra input/output (I/O) ports, an increase in static RAM (one Kbyte), internal chip-select functions, and a non-multiplexed bus which reduces the need for external interface logic. The timer, serial I/O, and analog-to-digital (A/ D) converter enable functions similar to those found in the MC68HC11E9.
   
Features
• MC68HC11 CPU
• 512 Bytes of On-Chip Electrically Erasable Programmable ROM
    (EEPROM) with Block Protect (MC68HC11F1 only)
• 1024 Bytes of On-Chip RAM (All Saved During Standby)
• Enhanced 16-Bit Timer System
    — 3 Input Capture (IC) Functions
    — 4 Output Compare (OC) Functions
    — 4th IC or 5th OC (Software Selectable)
• On-Board Chip-Selects with Clock Stretching
• Real-Time Interrupt Circuit
• 8-Bit Pulse Accumulator
• Synchronous Serial Peripheral Interface (SPI)
• Asynchronous Nonreturn to Zero (NRZ)
    Serial Communication Interface (SCI)
• Power saving STOP and WAIT Modes
• Eight-Channel 8-Bit A/D Converter (MC68HC11F1 only)
• Computer Operating Properly (COP) Watchdog System
    and Clock Monitor
• Bus Speeds of up to 6 MHz for the MC68HC11FC0
    and up to 5 MHz for the MC68HC11F1
• 68-Pin PLCC (MC68HC11F1 only), 64-Pin QFP (MC68HC11FC0 only),
    and 80-pin TQFP package options
   




Similar Part No. - MCHC11F1CFNE3R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCHC11F1CFNE2 FREESCALE-MCHC11F1CFNE2 Datasheet
993Kb / 158P
Technical Data
logo
NXP Semiconductors
MCHC11F1CFNE4 NXP-MCHC11F1CFNE4 Datasheet
4Mb / 158P
The MC68HC11F1 MCU
logo
Freescale Semiconductor...
MCHC11F1CFNE4R FREESCALE-MCHC11F1CFNE4R Datasheet
993Kb / 158P
Technical Data
logo
NXP Semiconductors
MCHC11F1CFNE4R NXP-MCHC11F1CFNE4R Datasheet
964Kb / 68P
Technical Summary 8-Bit Microcontroller
More results


Similar Description - MCHC11F1CFNE3R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11 MOTOROLA-MC68HC11 Datasheet
420Kb / 80P
Technical Summary 8-Bit Microcontroller
logo
Freescale Semiconductor...
MC68HC11FC0 FREESCALE-MC68HC11FC0 Datasheet
5Mb / 68P
Technical Summary 8-Bit Microcontroller
MC68HC11ED0 FREESCALE-MC68HC11ED0 Datasheet
1Mb / 108P
Technical Summary
MC68HC705L5FUE FREESCALE-MC68HC705L5FUE Datasheet
2Mb / 55P
Techinical Summary 8-Bit Microcontroller Unit
MC68332ACEH25 FREESCALE-MC68332ACEH25 Datasheet
465Kb / 88P
Technical Summary 32-Bit Modular Microcontroller
MC68332GCAG20 FREESCALE-MC68332GCAG20 Datasheet
343Kb / 88P
Technical Summary 32-Bit Modular Microcontroller
logo
NXP Semiconductors
MPC5200TS NXP-MPC5200TS Datasheet
274Kb / 12P
MPC5200 Microprocessor Technical Summary
Rev. 3, 08/2004
MC68331 NXP-MC68331 Datasheet
983Kb / 84P
Technical Summary 32-Bit Modular Microcontroller
Rev. 2
MC68HC11C0TS NXP-MC68HC11C0TS Datasheet
894Kb / 76P
Technical Summary 8-Bit Microcontroller
MGT5100TS NXP-MGT5100TS Datasheet
352Kb / 12P
Microprocessor Technical Summary
Rev. 0, 04/2002
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com