Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F800BG Datasheet (PDF) - Sharp Corporation

LH28F800BG Datasheet PDF - Sharp Corporation
Part # LH28F800BG
Download  LH28F800BG Download
File Size   242.67 Kbytes
Page   40 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8 M-bit (512 kB x 16) SmartVoltage Flash Memory

LH28F800BG Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F800BG Datasheet PDF - Sharp Corporation

Part # LH28F800BG
Download  LH28F800BG Click to download

File Size   242.67 Kbytes
Page   40 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 8 M-bit (512 kB x 16) SmartVoltage Flash Memory

LH28F800BG Datasheet (HTML) - Sharp Corporation


LH28F800BG Product details

DESCRIPTION
The LH28F800SG-L flash memory with Smart Voltage technology is a high-density, low-cost, nonvolatile, read/write storage solution for a wide range of applications. The LH28F800SG-L can operate at VCC = 2.7 V and VPP = 2.7 V. Its low voltage operation capability realizes longer battery life and suits for cellular phone application.

FEATURES
• SmartVoltage technology
   – 2.7 V, 3.3 V or 5 V VCC
   – 2.7 V, 3.3 V, 5 V or 12 V VPP
• High performance read access time
   LH28F800SG-L70
   – 70 ns (5.0±0.25 V)/80 ns (5.0±0.5 V)/
      85 ns (3.3±0.3 V)/100 ns (2.7 to 3.0 V)
      LH28F800SG-L10
   – 100 ns (5.0 ±0.5 V)/100 ns (3.3±0.3 V)/
      120 ns (2.7 to 3.0 V)
• Enhanced automated suspend options
   – Word write suspend to read
   – Block erase suspend to word write
   – Block erase suspend to read
• Enhanced data protection features
   – Absolute protection with VPP = GND
   – Flexible block locking
   – Block erase/word write lockout during power
      transitions
• SRAM-compatible write interface
• High-density symmetrically-blocked architecture
   – Sixteen 32 k-word erasable blocks
• Enhanced cycling capability
   – 100 000 block erase cycles
   – 1.6 million block erase cycles/chip
• Low power management
   – Deep power-down mode
   – Automatic power saving mode decreases ICC
   in static mode
• Automated word write and block erase
   – Command user interface
   – Status register
• ETOXTM∗ V nonvolatile flash technology
• Package
   – 44-pin SOP (SOP044-P-0600)




Similar Part No. - LH28F800BG

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGB-BL12 SHARP-LH28F800BGB-BL12 Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGB-BL85 SHARP-LH28F800BGB-BL85 Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
More results


Similar Description - LH28F800BG

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F016SC-L SHARP-LH28F016SC-L Datasheet
306Kb / 44P
16 M-bit (2 MB x 8) SmartVoltage Flash Memories
LH28F160SGED-L10 SHARP-LH28F160SGED-L10 Datasheet
252Kb / 42P
16 M-bit (512 kB x 16 x 2-Bank) SmartVoltage Dual Work Flash Memory
LH28F800BG-L SHARP-LH28F800BG-L Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG-L SHARP-LH28F800SG-L Datasheet
321Kb / 45P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800SG SHARP-LH28F800SG Datasheet
286Kb / 42P
8 M-bit (512 kB x 16) SmartVoltage Flash Memory
LH28F800BGHE-TL85 SHARP-LH28F800BGHE-TL85 Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
LH28F800BGB-L SHARP-LH28F800BGB-L Datasheet
275Kb / 43P
8 M-bit (512 kB x 16) SmartVoltage Flash Memories
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
SPANSION
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com