Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH5332600 Datasheet (PDF) - Sharp Corporation

LH5332600 Datasheet PDF - Sharp Corporation
Part # LH5332600
Download  LH5332600 Download
File Size   62.52 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 32M (4M x 8/2M x 16) MROM

LH5332600 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH5332600 Datasheet PDF - Sharp Corporation

Part # LH5332600
Download  LH5332600 Click to download

File Size   62.52 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 32M (4M x 8/2M x 16) MROM

LH5332600 Datasheet (HTML) - Sharp Corporation


LH5332600 Product details

DESCRIPTION
The LH5332600 is a 32M-bit mask-programmable ROM organized as 4,194,304 × 8 bits (Byte mode) or 2,097,152 × 16 bits (Word mode) that can be selected by a BYTE input pin. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 4,194,304 × 8 bit organization (Byte mode: BYTE = VIL)
    2,097,152 × 16 bit organization (Word mode: BYTE = VIH)
• Access time: 100 ns (MAX.)
• Supply current:
    – Operating: 100 mA (MAX.)
    – Standby: 100 µA (MAX.)
• TTL compatible I/O
• Three-state output
• Single +5 V power supply
• Static operation
• Packages:
    44-pin, 600-mil SOP
    48-pin, 12 mm × 18 mm2 TSOP (Type I)
• Others:
    – Non programmable
    – Not designed or rated as radiation hardened
    – CMOS process (P type silicon substrate)




Similar Part No. - LH5332600

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LH5330-PF LIGITEK-LH5330-PF Datasheet
110Kb / 6P
RECTANGLE TYPE LED LAMPS
More results


Similar Description - LH5332600

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
CMOS 2M (128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH534A00 SHARP-LH534A00 Datasheet
40Kb / 5P
CMOS 4M (512K x 8) MROM
LH534B00 SHARP-LH534B00 Datasheet
42Kb / 5P
CMOS 4M (512K x 8) MROM
logo
fujitsu semiconductor
MBM29DL32XTD FUJITSU-MBM29DL32XTD Datasheet
1Mb / 84P
32M (4M X 8/2M X 16) BIT Dual Operation
MBM29DL32XTE FUJITSU-MBM29DL32XTE Datasheet
1Mb / 80P
32M (4M x 8/2M x 16) BIT Dual Operation
logo
Macronix International
MX23L3210 MCNIX-MX23L3210 Datasheet
624Kb / 10P
32M-BIT (4M x 8 / 2M x 16) Mask ROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com