Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH532000B-1 Datasheet (PDF) - Sharp Corporation

LH532000B-1 Datasheet PDF - Sharp Corporation
Part # LH532000B-1
Download  LH532000B-1 Download
File Size   72.42 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (256K x 8/128K x 16) MROM

LH532000B-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH532000B-1 Datasheet PDF - Sharp Corporation

Part # LH532000B-1
Download  LH532000B-1 Click to download

File Size   72.42 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (256K x 8/128K x 16) MROM

LH532000B-1 Datasheet (HTML) - Sharp Corporation


LH532000B-1 Product details

DESCRIPTION
The LH532000B-1 is a CMOS 2M-bit mask-programmable ROM organized as 262,144 × 8 bits (Byte mode) or 131,072 × 16 bits (Word mode) that can be selected by BYTE input pin. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 262,144 words × 8 bit organization (Byte mode)
    131,072 words × 16 bit organization (Word mode)
• Access time: 120 ns (MAX.)
• Power consumption:
    Operating: 275 mW (MAX.)
    Standby: 550 µW (MAX.)
• Mask-programmable control pin (for 40-pin DIP/40-pin SOP):
    Pin 1 = OE1/OE1/DC
    Pin 12 = OE/OE
• Static operation
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Packages:
    40-pin, 600-mil DIP
    40-pin, 525-mil SOP
    48-pin, 12 × 18 mm2 TSOP (Type I)




Similar Part No. - LH532000B-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
More results


Similar Description - LH532000B-1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
CMOS 2M (128K x 16) MROM
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH532100B SHARP-LH532100B Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
logo
fujitsu semiconductor
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
2M (256K X 8/128K X 16) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com