Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F200TC Datasheet (PDF) - fujitsu semiconductor

MBM29F200TC Datasheet PDF - fujitsu semiconductor
Part # MBM29F200TC
Download  MBM29F200TC Download
File Size   508.98 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2M (256K X 8/128K X 16) BIT

MBM29F200TC Datasheet (PDF)

Go To PDF Page Download Datasheet
MBM29F200TC Datasheet PDF - fujitsu semiconductor

Part # MBM29F200TC
Download  MBM29F200TC Click to download

File Size   508.98 Kbytes
Page   48 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2M (256K X 8/128K X 16) BIT

MBM29F200TC Datasheet (HTML) - fujitsu semiconductor


MBM29F200TC Product details

■ GENERAL DESCRIPTION
The MBM29F200TC/BC is a 2M-bit, 5.0 V-only Flash memory organized as 256K bytes of 8 bits each or 128K words of 16 bits each. The MBM29F200TC/BC is offered in a 48-pin TSOP and 44-pin SOP packages. This device is designed to be programmed in-system with the standard system 5.0 V VCC supply. 12.0 V VPP is not required for write or erase operations. The devices can also be reprogrammed in standard EPROM programmers. The standard MBM29F200TC/BC offers access times 55 ns and 90 ns allowing operation of high-speed microprocessors without wait states. To eliminate bus contention the device has separate chip enable (CE), write enable (WE), and output enable (OE) controls.

■ FEATURES
• Single 5.0 V read, write, and erase
    Minimizes system level power requirements
• Compatible with JEDEC-standard commands
    Uses same software commands as E2PROMs
• Compatible with JEDEC-standard world-wide pinouts
    48-pin TSOP (Package suffix: PFTN – Normal Bend Type, PFTR – Reversed Bend Type)
    44-pin SOP (Package suffix: PF)
• Minimum 100,000 write/erase cycles
• High performance
    55 ns maximum access time
• Sector erase architecture
    One 16K byte, two 8K bytes, one 32K byte, and three 64K bytes.
    Any combination of sectors can be concurrently erased. Also supports full chip erase.
• Boot Code Sector Architecture
    T = Top sector
    B = Bottom sector
• Embedded EraseTM Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded ProgramTM Algorithms
    Automatically writes and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Ready/Busy output (RY/BY)
    Hardware method for detection of program or erase cycle completion
• Low Vcc write inhibit ≤ 3.2 V
• Erase Suspend/Resume
    Suspends the erase operation to allow a read in another sector within the same device
• Hardware RESET pin
    Resets internal state machine to the read mode
• Sector protection
    Hardware method disables any combination of sectors from write or erase operations
• Temporary sector unprotection
    Hardware method temporarily enables any combination of sectors from write on erase operations.




Similar Part No. - MBM29F200TC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29F002BC FUJITSU-MBM29F002BC Datasheet
461Kb / 46P
2M (256K X 8) BIT
MBM29F002BC-55 FUJITSU-MBM29F002BC-55 Datasheet
461Kb / 46P
2M (256K X 8) BIT
MBM29F002BC-70 FUJITSU-MBM29F002BC-70 Datasheet
461Kb / 46P
2M (256K X 8) BIT
MBM29F002BC-90 FUJITSU-MBM29F002BC-90 Datasheet
461Kb / 46P
2M (256K X 8) BIT
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
2M (256K X 8) BIT
More results


Similar Description - MBM29F200TC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
logo
fujitsu semiconductor
MBM29F002TC FUJITSU-MBM29F002TC Datasheet
461Kb / 46P
2M (256K X 8) BIT
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
2M (256K x 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX28F2100B MCNIX-MX28F2100B Datasheet
283Kb / 45P
2M-BIT [256K x 8/128K x 16] CMOS FLASH MEMORY
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
logo
Cypress Semiconductor
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
2-Mbit (256K x 8/128K x 16) nvSRAM
logo
Force Technologies Ltd
FT29F200CT FORCE-FT29F200CT Datasheet
2Mb / 49P
2M-BIT [256K x 8 / 128K x 16] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com