Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29F002BC Datasheet (PDF) - fujitsu semiconductor

MBM29F002BC Datasheet PDF - fujitsu semiconductor
Part # MBM29F002BC
Download  MBM29F002BC Download
File Size   461.15 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2M (256K X 8) BIT

MBM29F002BC Datasheet (PDF)

Go To PDF Page Download Datasheet
MBM29F002BC Datasheet PDF - fujitsu semiconductor

Part # MBM29F002BC
Download  MBM29F002BC Click to download

File Size   461.15 Kbytes
Page   46 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 2M (256K X 8) BIT

MBM29F002BC Datasheet (HTML) - fujitsu semiconductor


MBM29F002BC Product details

■ GENERAL DESCRIPTION

The MBM29F002TC/BC is a 2 M-bit, 5.0 V-Only Flash memory organized as 256K bytes of 8 bits each. The MBM29F002TC/BC is offered in a 32-pin TSOP(I) and 32-pin PLCC packages. This device is designed to be programmed in-system with the standard system 5.0 V VCCsupply. A 12.0 V VPPis not required for program or erase operations. The device can also be reprogrammed in standard EPROM programmers.



■ FEATURES
• Single 5.0 V read, write, and erase
    Minimizes system level power requirements
• Compatible with JEDEC-standard commands
    Pinout and software compatible with single-power supply Flash
    Superior inadvertent write protection
• 32-pin TSOP(I) (Package Suffix: PFTN-Normal Bend Type, PFTR-Reverse Bend Type)
    32-pin PLCC (Package Suffix: PD)
• Minimum 100,000 write/erase cycles
• High performance
    55 ns maximum access time
• Sector erase architecture
    One 16K byte, two 8K bytes, one 32K byte, and three 64K bytes
    Any combination of sectors can be erased. Also supports full chip erase
• Boot Code Sector Architecture
    T = Top sector
    B = Bottom sector
• Embedded Erase™ Algorithms
    Automatically pre-programs and erases the chip or any sector
• Embedded Program™ Algorithms
    Automatically programs and verifies data at specified address
• Data Polling and Toggle Bit feature for detection of program or erase cycle completion
• Low VCC write inhibit ≤ 3.2 V
• Hardware RESET pin
    Resets internal state machine to the read mode
• Erase Suspend/Resume
    Supports reading or programming data to a sector not being erased
• Sector protection
    Hardware method that disables any combination of sector from write or erase operation
• Temporary sector unprotection
    Temporary sector unprotection via the RESET pin




Similar Part No. - MBM29F002BC

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29F004BC-70PD SPANSION-MBM29F004BC-70PD Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-70PFTN SPANSION-MBM29F004BC-70PFTN Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-70PFTR SPANSION-MBM29F004BC-70PFTR Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-90PD SPANSION-MBM29F004BC-90PD Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29F004BC-90PFTN SPANSION-MBM29F004BC-90PFTN Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results


Similar Description - MBM29F002BC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29F200TC FUJITSU-MBM29F200TC Datasheet
508Kb / 48P
2M (256K X 8/128K X 16) BIT
MBM29LV002TC FUJITSU-MBM29LV002TC Datasheet
436Kb / 52P
2M (256K x 8) BIT
MBM29LV200TC FUJITSU-MBM29LV200TC Datasheet
488Kb / 54P
2M (256K X 8/128K X 16) BIT
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
MX28F2000P MCNIX-MX28F2000P Datasheet
191Kb / 33P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX28F2000T MCNIX-MX28F2000T Datasheet
115Kb / 31P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F002 MCNIX-MX29F002 Datasheet
608Kb / 51P
2M-BIT [256K x 8] CMOS FLASH MEMORY
MX29F022 MCNIX-MX29F022 Datasheet
595Kb / 46P
2M-BIT[256K x 8]CMOS FLASH MEMORY
MX29F022T MCNIX-MX29F022T_98 Datasheet
231Kb / 38P
2M-BIT[256K x 8]CMOS FLASH MEMORY
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com