Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH532100B Datasheet (PDF) - Sharp Corporation

LH532100B Datasheet PDF - Sharp Corporation
Part # LH532100B
Download  LH532100B Download
File Size   79.17 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (256K x 8) MROM

LH532100B Datasheet (PDF)

Go To PDF Page Download Datasheet
LH532100B Datasheet PDF - Sharp Corporation

Part # LH532100B
Download  LH532100B Click to download

File Size   79.17 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CMOS 2M (256K x 8) MROM

LH532100B Datasheet (HTML) - Sharp Corporation


LH532100B Product details

DESCRIPTION
The LH532100B is a 2M-bit mask-programmable ROM organized as 262,144 × 8 bits. It is fabricated using silicon-gate CMOS process technology.

FEATURES
• 262,144 words × 8 bit organization
• Access time: 150 ns (MAX.)
• Low-power consumption:
    Operating: 275 mW (MAX.)
    Standby: 550 µW (MAX.)
• Static operation
• Mask-programmable OE/OE and OE1/OE1/DC
• TTL compatible I/O
• Three-state outputs
• Single +5 V power supply
• Packages:
    32-pin, 600-mil DIP
    32-pin, 525-mil SOP
    32-pin, 450-mil QFJ (PLCC)
    32-pin, 8 × 20 mm2 TSOP (Type I)
    32-pin, 400-mil TSOP (Type II)
• JEDEC standard EPROM pinout (DIP)




Similar Part No. - LH532100B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
More results


Similar Description - LH532100B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
CMOS 16M (2M x 8/1M x 16) MROM
LH532000B-1 SHARP-LH532000B-1 Datasheet
72Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH532000B SHARP-LH532000B Datasheet
68Kb / 7P
CMOS 2M (256K x 8/128K x 16) MROM
LH532048 SHARP-LH532048 Datasheet
71Kb / 7P
CMOS 2M (128K x 16) MROM
LH532100B-1 SHARP-LH532100B-1 Datasheet
79Kb / 8P
CMOS 2M (256K x 8) MROM
LH53259 SHARP-LH53259 Datasheet
59Kb / 6P
CMOS 256K (32K x 8) MROM
LH532600 SHARP-LH532600 Datasheet
71Kb / 8P
CMOS 2M (256K x 8/128K x 16) MROM
LH5332600 SHARP-LH5332600 Datasheet
62Kb / 8P
CMOS 32M (4M x 8/2M x 16) MROM
logo
Macronix International
MX27C2000 MCNIX-MX27C2000 Datasheet
996Kb / 17P
2M-BIT [256K x 8] CMOS EPROM
MX27C2000A MCNIX-MX27C2000A Datasheet
960Kb / 15P
2M-BIT [256K x 8] CMOS EPROM
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com