| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX9995
|
363Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04 |
|
MAX9985
|
216Kb / 15P |
Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/07 |
|
MAX9986A
|
348Kb / 12P |
SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06 |
|
MAX9984
|
493Kb / 15P |
SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05 |
|
MAX2029
|
411Kb / 16P |
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07 |
|
MAX19995
|
510Kb / 29P |
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08 |
|
MAX19994A
|
4Mb / 28P |
Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10 |
|
MAX19993
|
4Mb / 23P |
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10 |
|
MAX9995
|
387Kb / 13P |
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11 |
|
MAX2029ETP-T
|
417Kb / 16P |
High-Linearity, 815MHz to 1000MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/07 |