| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NCP698
|
96Kb / 9P |
150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
November, 2007 - Rev. 0 |
|
NCV8772
|
310Kb / 17P |
Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3 |
|
NCV87725D7S50R4G
|
310Kb / 17P |
Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3 |
|
NCV8774DT33RKG
|
255Kb / 12P |
Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0 |
|
NCV8768
|
192Kb / 17P |
Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0 |
|
NCV8770
|
210Kb / 13P |
Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1 |
|
NCP583
|
73Kb / 10P |
Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15 |
|
NCV8774-PP
|
255Kb / 12P |
Ultra Low Iq 350 mA LDO Regulator
April, 2013 ??Rev. 0 |
|
NCV8774C
|
171Kb / 13P |
LDO Regulator - Ultra Low Iq 350 mA
May, 2020 ??Rev. 2 |
|
NCV8775C
|
225Kb / 15P |
Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1 |