Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VCX16244 Datasheet (PDF) - Motorola, Inc

MC74VCX16244 Datasheet PDF - Motorola, Inc
Part # MC74VCX16244
Download  MC74VCX16244 Download
File Size   134.9 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER

MC74VCX16244 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VCX16244 Datasheet PDF - Motorola, Inc

Part # MC74VCX16244
Download  MC74VCX16244 Click to download

File Size   134.9 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER

MC74VCX16244 Datasheet (HTML) - Motorola, Inc


MC74VCX16244 Product details

Low–Voltage 1.8/2.5/3.3V 16–Bit Buffer
With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)

The MC74VCX16244 is an advanced performance, non–inverting 16–bit buffer. It is designed for very high–speed, very low–power operation in 1.8V, 2.5V or 3.3V systems.
When operating at 2.5V (or 1.8V) the part is designed to tolerate voltages it may encounter on either inputs or outputs when interfacing to 3.3V busses. It is guaranteed to be over–voltage tolerant to 3.6V.

• Designed for Low Voltage Operation: VCC = 1.8–3.6V
• 3.6V Tolerant Inputs and Outputs
• High Speed Operation: 2.5ns max for 3.0 to 3.6V
                                        3.2ns max for 2.3 to 2.7V
                                        5.7ns max for 1.8V
• Static Drive: ±24mA Drive at 3.0V
                       ±18mA Drive at 2.3V
                       ±6mA Drive at 1.8V
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• Near Zero Static Supply Current in All Three Logic States (20µA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±300mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V




Similar Part No. - MC74VCX16244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
MC74VCX16245DT MOTOROLA-MC74VCX16245DT Datasheet
137Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
More results


Similar Description - MC74VCX16244

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX162244 MOTOROLA-MC74VCX162244 Datasheet
135Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER WITH 26ohm SERIES RESISTORS
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
MC74VCX16374 MOTOROLA-MC74VCX16374 Datasheet
142Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
logo
Pericom Semiconductor C...
PI74ALVTC16244 PERICOM-PI74ALVTC16244 Datasheet
236Kb / 8P
1.8/2.5/3.3V 16-Bit Buffer/Driver with 3-State Outputs
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com