Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VCX16373 Datasheet (PDF) - Motorola, Inc

MC74VCX16373 Datasheet PDF - Motorola, Inc
Part # MC74VCX16373
Download  MC74VCX16373 Download
File Size   141.87 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH

MC74VCX16373 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74VCX16373 Datasheet PDF - Motorola, Inc

Part # MC74VCX16373
Download  MC74VCX16373 Click to download

File Size   141.87 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH

MC74VCX16373 Datasheet (HTML) - Motorola, Inc


MC74VCX16373 Product details

Low–Voltage 1.8/2.5/3.3V 16–Bit Transparent Latch
With 3.6V-Tolerant Iputs and Outputs (3-State, Non-Inverting)

The MC74VCX16373 is an advanced performance, non–inverting 16–bit transparent latch. It is designed for very high–speed, very low–power operation in 1.8V, 2.5V or 3.3V systems. The VCX16373 is byte controlled, with each byte functioning identically, but independently. Each byte has separate Output Enable and Latch Enable inputs. These control pins can be tied together for full 16–bit operation.
When operating at 2.5V (or 1.8V) the part is designed to tolerate voltages it may encounter on either inputs or outputs when interfacing to 3.3V busses. It is guaranteed to be over–voltage tolerant to 3.6V.

• Designed for Low Voltage Operation: VCC = 1.8–3.6V
• 3.6V Tolerant Inputs and Outputs
• High Speed Operation: 3.0ns max for 3.0 to 3.6V
                                        3.4ns max for 2.3 to 2.7V
                                        6.0ns max for 1.8V
• Static Drive: ±24mA Drive at 3.0V
                       ±18mA Drive at 2.3V
                       ±6mA Drive at 1.8V
• Supports Live Insertion and Withdrawal
• IOFF Specification Guarantees High Impedance When VCC = 0V
• Near Zero Static Supply Current in All Three Logic States (20µA)
   Substantially Reduces System Power Requirements
• Latchup Performance Exceeds ±300mA
• ESD Performance: Human Body Model >2000V; Machine Model >200V




Similar Part No. - MC74VCX16373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16374 MOTOROLA-MC74VCX16374 Datasheet
142Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
MC74VCX16374DT MOTOROLA-MC74VCX16374DT Datasheet
142Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
More results


Similar Description - MC74VCX16373

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VCX16244 MOTOROLA-MC74VCX16244 Datasheet
134Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT BUFFER
MC74VCX16245 MOTOROLA-MC74VCX16245 Datasheet
137Kb / 8P
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSCEIVER
logo
ON Semiconductor
74VCXH16245 ONSEMI-74VCXH16245 Datasheet
91Kb / 8P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transceiver
May, 2004 ??Rev. 3
74VCX16373 ONSEMI-74VCX16373 Datasheet
102Kb / 10P
Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch
November, 2004 ??Rev. 5
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16373 ONSEMI-74VCXH16373 Datasheet
246Kb / 11P
Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74LCX162373 ONSEMI-74LCX162373 Datasheet
239Kb / 12P
Low Voltage 16-Bit Transparent Latch
Revised May 2005
74VCX16373 ONSEMI-74VCX16373_18 Datasheet
237Kb / 12P
Low Voltage 16-Bit Transparent Latch
Revised June 2005
74VCX162373 ONSEMI-74VCX162373 Datasheet
262Kb / 10P
Low Voltage 16-Bit Transparent Latch
Revised June 2005
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com