Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF1005S Datasheet (PDF) - Siemens Semiconductor Group

BF1005S Datasheet PDF - Siemens Semiconductor Group
Part # BF1005S
Download  BF1005S Download
File Size   52.96 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)

BF1005S Datasheet (PDF)

Go To PDF Page Download Datasheet
BF1005S Datasheet PDF - Siemens Semiconductor Group

Part # BF1005S
Download  BF1005S Click to download

File Size   52.96 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)

BF1005S Datasheet (HTML) - Siemens Semiconductor Group


BF1005S Product details

Silicon N-Channel MOSFET Tetrode



•For low noise, high gain controlled input stages up to 1GHz

•Operating voltage 5V

•Integrated stabilized bias network




Similar Part No. - BF1005S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
85Kb / 8P
Silicon N-Channel MOSFET Tetrode
2007-04-20
BF1005SR INFINEON-BF1005SR Datasheet
252Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005SR INFINEON-BF1005SR Datasheet
85Kb / 8P
Silicon N-Channel MOSFET Tetrode
2007-04-20
BF1005SW INFINEON-BF1005SW Datasheet
252Kb / 5P
Silicon N-Channel MOSFET Tetrode
Feb-18-2004
More results


Similar Description - BF1005S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF1005 SIEMENS-BF1005 Datasheet
51Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1009S SIEMENS-BF1009S Datasheet
51Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network)
BF1012 SIEMENS-BF1012 Datasheet
33Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network
BF1012S SIEMENS-BF1012S Datasheet
43Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BF2030 SIEMENS-BF2030 Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040 SIEMENS-BF2040 Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040W SIEMENS-BF2040W Datasheet
31Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com