Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF2040W Datasheet (PDF) - Siemens Semiconductor Group

BF2040W Datasheet PDF - Siemens Semiconductor Group
Part # BF2040W
Download  BF2040W Download
File Size   31.09 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)

BF2040W Datasheet (PDF)

Go To PDF Page Download Datasheet
BF2040W Datasheet PDF - Siemens Semiconductor Group

Part # BF2040W
Download  BF2040W Click to download

File Size   31.09 Kbytes
Page   2 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)

BF2040W Datasheet (HTML) - Siemens Semiconductor Group


BF2040W Product details

•For low noise, high gain controlled

input stages up to 1GHz

•Operating voltage 5V




Similar Part No. - BF2040W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF2040W INFINEON-BF2040W Datasheet
262Kb / 6P
Silicon N-Channel MOSFET Tetrode
Feb-25-2004
BF2040W INFINEON-BF2040W Datasheet
210Kb / 11P
Silicon N-Channel MOSFET Tetrode
2007-06-01
More results


Similar Description - BF2040W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF1005 SIEMENS-BF1005 Datasheet
51Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1005S SIEMENS-BF1005S Datasheet
52Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1009S SIEMENS-BF1009S Datasheet
51Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network)
BF1012 SIEMENS-BF1012 Datasheet
33Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network
BF1012S SIEMENS-BF1012S Datasheet
43Kb / 4P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V Integrated stabilized bias network)
BF1012W SIEMENS-BF1012W Datasheet
359Kb / 3P
SILICON N-CHANNEL MOSFET TETRODE (For low-noise, gain-controlled input stages up to 1 GHz)
BF2030 SIEMENS-BF2030 Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2030W SIEMENS-BF2030W Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF2040 SIEMENS-BF2040 Datasheet
16Kb / 2P
Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 5V)
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com