Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3000 Datasheet (PDF) - Rugao Dachang Electronics Co., Ltd

R3000 Datasheet PDF - Rugao Dachang Electronics Co., Ltd
Part # R3000
Download  R3000 Download
File Size   117.41 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description High Voltage Rectifier Reverse Voltage 3000V Forward Current 0.5A

R3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
R3000 Datasheet PDF - Rugao Dachang Electronics Co., Ltd

Part # R3000
Download  R3000 Click to download

File Size   117.41 Kbytes
Page   2 Pages
Manufacturer  DACHANG [Rugao Dachang Electronics Co., Ltd]
Direct Link  http://www.dachang.com.cn
Logo DACHANG - Rugao Dachang Electronics Co., Ltd
Description High Voltage Rectifier Reverse Voltage 3000V Forward Current 0.5A

R3000 Datasheet (HTML) - Rugao Dachang Electronics Co., Ltd


R3000 Product details

Reverse Voltage 3000V

Forward Current 0.5A



Features

·Low reverse leakage

·High forward surge capability

·High temperature soldering guaranteed:

260℃/10 seconds, 0.375" (9.5mm) lead length,

·5 lbs. (2.3kg) tension



Mechanical Data

·Terminals: Plated axial leads

·Polarity: Color band denotes cathode end

·Mounting Position: Any

·Lead and body according with RoHS standard




Similar Part No. - R3000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R3000 RECTRON-R3000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R3000 DCCOM-R3000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R3000 DIODES-R3000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
MIC GROUP RECTIFIERS
R3000 MIC-R3000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shanghai Lunsure Electr...
R3000 CHENYI-R3000 Datasheet
48Kb / 2P
200Milliamp high voltage silicon rectifier 2500to3000 volts
More results


Similar Description - R3000

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12 Datasheet
109Kb / 2P
Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
ERB4302 DACHANG-ERB4302 Datasheet
119Kb / 2P
Plastic fast Recover Rectifier Reverse Voltage 200 to 800V Forward Current 0.5A
R2000 DACHANG-R2000 Datasheet
116Kb / 2P
High Voltage Rectifier Reverse Voltage 2000V Forward Current 0.5 A
S5295B DACHANG-S5295B Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
TVR1B DACHANG-TVR1B Datasheet
118Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 100 to 600V Forward Current 0.5A
logo
Gaomi Xinghe Electronic...
DB157 GXELECTRONICS-DB157 Datasheet
312Kb / 2P
REVERSE VOLTAGE FORWARD CURRENT
logo
GOOD-ARK Electronics
SGPD520S GOOD-ARK-SGPD520S_15 Datasheet
240Kb / 5P
Surface Mount Schottky Rectifier Reverse Voltage 20~60V Forward Current 0.5A
logo
Leshan Radio Company
LMBR0520LFT1G LRC-LMBR0520LFT1G Datasheet
220Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 20 Forward Current 0.5A
logo
AiT Semiconductor Inc.
BAT46W AITSEMI-BAT46W Datasheet
528Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 100V FORWARD CURRENT 0.5A
REV1.0
MBR0530 AITSEMI-MBR0530 Datasheet
475Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 30V FORWARD CURRENT 0.5A
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com