Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC92303 Datasheet (PDF) - Motorola, Inc

MC92303 Datasheet PDF - Motorola, Inc
Part # MC92303
Download  MC92303 Download
File Size   33.86 Kbytes
Page   3 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description QPSK/BPSK DIGITAL DEMODULATOR

MC92303 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC92303 Datasheet PDF - Motorola, Inc

Part # MC92303
Download  MC92303 Click to download

File Size   33.86 Kbytes
Page   3 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description QPSK/BPSK DIGITAL DEMODULATOR

MC92303 Datasheet (HTML) - Motorola, Inc


MC92303 Product details

QPSK/BPSK DIGITAL DEMODULATOR

The MC92303 is a coherent digital demodulator for QPSK and BPSK modulated signals utilized in Digital-TV applications according to the EBU defined DVB transmission standard for satellite Set-Top systems or similar. The MC92303 contains all the functionality required to lock onto signals with frequency offsets as large as the baud rate and extract the desired signal from a frequency band with adjacent channel interference and other undesirable signals.

Feature Summary
• DVB compliant QPSK/BPSK Coherent Demodulator
• Variable Modulation Rate up to 30 MBaud to work with all present European DVB Channels
• Selectable Input Format (Offset Binary/2’s Complement)
• DC Offset Removal, I/Q-swapping and Input Format Selection in one block
• Decimation Filters for Oversampling Ratios of 2/T, 3/T, 4/T, 6/T, 8/T, 12/T and 16/T
• Half Nyquist Baseband Filters (α=0.35)
• Internal Numerically Controlled Oscillator (NCO)
• Automatic Gain Control (AGC) provided to analog front-end
• Automatic Frequency Control (AFC) to ±Rs (Symbol Rate)
• Clock Synchronization with 1-Bit Σ∆-Converter Output for ADC control
• Programmable Second Order Loop Filters for Carrier Recovery and AGC
• 3-bit Soft Decision output per Symbol with selectable format (Offset Binary/2’s Complement/Sign Magnitude)
• Programmable Sampling Rates of the Digital Sigma-Delta Converters
• < 0.5 dB Implementation Loss from theory
• I2C Programmable Interface
• 0.5µ CMOS Process at 3.3V




Similar Part No. - MC92303

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
VITERBI Decoder for Digital TV
MC92300CG MOTOROLA-MC92300CG Datasheet
42Kb / 4P
VITERBI Decoder for Digital TV
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
MC92305CD MOTOROLA-MC92305CD Datasheet
39Kb / 4P
16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
2K - Samples FFT-Processor
More results


Similar Description - MC92303

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV0196B STMICROELECTRONICS-STV0196B Datasheet
236Kb / 23P
QPSK/BPSK DEMODULATOR AND FEC IC
Sep-1996
STV0299B STMICROELECTRONICS-STV0299B Datasheet
242Kb / 36P
QPSK/BPSK LINK IC
May-2000
TDA8205 STMICROELECTRONICS-TDA8205 Datasheet
163Kb / 8P
NICAM QPSK DEMODULATOR
Oct-1993
logo
Sony Corporation
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
DVB-S Front-end IC (QPSK demodulator FEC)
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306 Datasheet
37Kb / 8P
Digital QPSK Demodulator
1998 02
logo
Siemens Semiconductor G...
SDA6310 SIEMENS-SDA6310 Datasheet
568Kb / 19P
DSR QPSK-Demodulator
logo
Intersil Corporation
HSP50306 INTERSIL-HSP50306_04 Datasheet
161Kb / 8P
Digital QPSK Demodulator
July 2004
logo
AMI SEMICONDUCTOR
AMIS-50051 AMI-AMIS-50051 Datasheet
239Kb / 7P
Digital Demodulator
logo
Synaptics Incorporated.
CX24130 CONEXANT-CX24130 Datasheet
209Kb / 2P
Dual Stream QPSK/BPSK Demodulator lC
logo
Renesas Technology Corp
HSP50306 RENESAS-HSP50306 Datasheet
434Kb / 8P
Digital QPSK Demodulator
Jul 2004
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com