Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC92307 Datasheet (PDF) - Motorola, Inc

MC92307 Datasheet PDF - Motorola, Inc
Part # MC92307
Download  MC92307 Download
File Size   121.2 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2K - Samples FFT-Processor

MC92307 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC92307 Datasheet PDF - Motorola, Inc

Part # MC92307
Download  MC92307 Click to download

File Size   121.2 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2K - Samples FFT-Processor

MC92307 Datasheet (HTML) - Motorola, Inc


MC92307 Product details

The MC92307 is a pipelined Fast Fourier Transformation (FFT) processor with a blocklength of 2048 complex samples. It is especially designed for use in digital terrestrial Set-Top boxes according to the DVB-T standard for 2K transmission. One block of 2048 complex samples can be processed in 224 µs

Feature Summary
• Processing of one block of 2048 complex samples (i.e. one 2K-OFDM symbol) in 224 µs.
• Designed for direct interfacing with Motorola’s OFDM demodulator MC92308.
• Input wordlength 8 bit, output accuracy selectable between 10 and 12 bit.
• Overflow on certain OFDM subcarriers due to co-channel interferes is handled internally.
• Readout of output samples can be shifted by half the blocklength to start at the middle of the output block.
• Either multiplexed or non-multiplexed input and output format (the multiplexed mode allows direct interfacing with Motorola’s OFDM Demodulator MC92308).
• Internal Bit reversal can be disabled to allow the construction of FFT modules for blocklengths > 2K by using several devices in parallel.
• Low clock rate inputs and outputs.
• 0.5µm CMOS process at 3.3 V.
• 5 V tolerant inputs and outputs.




Similar Part No. - MC92307

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
VITERBI Decoder for Digital TV
MC92300CG MOTOROLA-MC92300CG Datasheet
42Kb / 4P
VITERBI Decoder for Digital TV
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
MC92303BT MOTOROLA-MC92303BT Datasheet
33Kb / 3P
QPSK/BPSK DIGITAL DEMODULATOR
MC92305 MOTOROLA-MC92305 Datasheet
39Kb / 4P
16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
More results


Similar Description - MC92307

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16510A MITEL-PDSP16510A Datasheet
271Kb / 25P
Stand Alone FFT Processor
PDSP16510AMA MITEL-PDSP16510AMA Datasheet
94Kb / 23P
Stand Alone FFT Processor
PDSP16515A MITEL-PDSP16515A Datasheet
289Kb / 27P
Stand Alone FFT Processor
logo
Zarlink Semiconductor I...
PDSP16510A ZARLINK-PDSP16510A Datasheet
181Kb / 23P
Stand Alone FFT Processor
PDSP16510AMA ZARLINK-PDSP16510AMA Datasheet
190Kb / 24P
Stand Alone FFT Processor
PDSP16515A ZARLINK-PDSP16515A Datasheet
173Kb / 25P
Stand Alone FFT Processor
logo
Texas Instruments
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
Check for Samples: TAS5760L
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
Check for Samples: TAS5760MD
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
Check for Samples: TLV320AIC3263
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com