Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM44D64 Datasheet (PDF) - Motorola, Inc

MCM44D64 Datasheet PDF - Motorola, Inc
Part # MCM44D64
Download  MCM44D64 Download
File Size   103.83 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1MB R4000 Secondary Cache Fast Static RAM Module Set

MCM44D64 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM44D64 Datasheet PDF - Motorola, Inc

Part # MCM44D64
Download  MCM44D64 Click to download

File Size   103.83 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1MB R4000 Secondary Cache Fast Static RAM Module Set

MCM44D64 Datasheet (HTML) - Motorola, Inc


MCM44D64 Product details

Four MCM4464 modules comprise a full 1 MB of secondary cache for the R4000 processor. Each module contains nine MCM6709J fast static RAMs for a cache data size of 64K x 36. The tag portion, dependent on word line size, contains either two MCM6709J or one MCM6706J fast static RAMs. All input signals, except A0 and WE are buffered using 74FBT2827 drivers with series 25 Ω resistors. The MCM6709J and MCM6706J are fabricated using high–performance silicon–gate BiCMOS technology. Static design eliminates the need for internal clocks or timing strobes.

All 1MB R4000 supported secondary cache options are available.



• Single 5 V ± 10% Power Supply

• All Inputs and Outputs are TTL Compatible

• Three State Outputs

• Fast Module Access Time: 12/15/17 ns

• Zero Wait–State Operation

• Unified or Split Seconday Cache Modules are Available (See Ordering Information for Details)

• Word Line Sizes of 4, 8, 16, and 32 are Available (See Ordering Information for Details)

• The Pin Compatible MCM44256 Series is also Available to Support a Full 4MB R4000 Secondary Cache.

• Decoupling Capacitors are Used for Each Fast Static RAM and Buffer, Along with Bulk Capacitance for Maximum Noise Immunity

• High Quality Multi–Layer FR4 PWB with Separate Power and Ground Planes



 




Similar Part No. - MCM44D64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM44D256B MOTOROLA-MCM44D256B Datasheet
81Kb / 8P
4MB R4000 Secondary Cache Fast Static RAM Module Set
More results


Similar Description - MCM44D64

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32N864 MOTOROLA-MCM32N864 Datasheet
47Kb / 4P
256KB Secondary Cache Module
MCM36F8 MOTOROLA-MCM36F8 Datasheet
123Kb / 11P
1MB and 2MB Synchronous Fast Static RAM Module
MCM44256B MOTOROLA-MCM44256B Datasheet
81Kb / 8P
4MB R4000 Secondary Cache Fast Static RAM Module Set
MCM72F10 MOTOROLA-MCM72F10 Datasheet
138Kb / 11P
8MB Synchronous Fast Static RAM Module
MCM72F6 MOTOROLA-MCM72F6 Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MCM72F6A MOTOROLA-MCM72F6A Datasheet
160Kb / 10P
512KB and 1MB Synchronous Fast Static RAM Module
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
logo
Weida Semiconductor, In...
WCMC1616V9X WEIDA-WCMC1616V9X Datasheet
217Kb / 13P
1Mb x 16 Pseudo Static RAM
logo
ACCUTEK MICROCIRCUIT CO...
AKCM6432T ACCUTEK-AKCM6432T_09 Datasheet
234Kb / 9P
512KB SECONDARY CACHE MODULE
logo
Motorola, Inc
MCM32A732 MOTOROLA-MCM32A732 Datasheet
172Kb / 12P
128KB/256KB Secondary Cache Module
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com