Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY0918 Datasheet (PDF) - Siemens Semiconductor Group

CGY0918 Datasheet PDF - Siemens Semiconductor Group
Part # CGY0918
Download  CGY0918 Download
File Size   42.71 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)

CGY0918 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY0918 Datasheet PDF - Siemens Semiconductor Group

Part # CGY0918
Download  CGY0918 Click to download

File Size   42.71 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)

CGY0918 Datasheet (HTML) - Siemens Semiconductor Group


CGY0918 Product details

GaAs MMIC

● Dual band GSM/PCN power amplifier
● 35dBm / 34dBm output power at 3.5 V
● Two amplifiers in a single package
● Power ramp control




Similar Part No. - CGY0918

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY0819 SIEMENS-CGY0819 Datasheet
304Kb / 18P
GaAs MMIC (Tri mode power amplifier for AMPS/ CDMA /TDMA portable cellular phones Dual band operation)
More results


Similar Description - CGY0918

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF5078 PHILIPS-PCF5078 Datasheet
90Kb / 20P
Power amplifier controller for GSM and PCN systems
1999 Apr 12
logo
Siemens Semiconductor G...
CGY184 SIEMENS-CGY184 Datasheet
141Kb / 14P
GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
CGY98 SIEMENS-CGY98 Datasheet
44Kb / 5P
GaAs MMIC (Broadband Power Amplifier [ 800..2000 Mhz ] GSM,AMPS or PCN Operating voltage range: 2.7 to 5.0 V)
logo
Ericsson
PBL40310 ERICSSON-PBL40310 Datasheet
64Kb / 4P
3.5 V GSM 900 MHz Power Amplifier
logo
NXP Semiconductors
PCF5079 PHILIPS-PCF5079 Datasheet
146Kb / 28P
Dual-band power amplifier controller for GSM, PCN and DCS
2001 Nov 21
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Freescale Semiconductor...
MMM5063 FREESCALE-MMM5063 Datasheet
578Kb / 20P
Tri-Band GSM GPRS 3.5 V Power Amplifier
MMM5062 FREESCALE-MMM5062 Datasheet
1Mb / 22P
Quad-Band GSM GPRS 3.5 V Power Amplifier
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com