Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGY184 Datasheet (PDF) - Siemens Semiconductor Group

CGY184 Datasheet PDF - Siemens Semiconductor Group
Part # CGY184
Download  CGY184 Download
File Size   141.65 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)

CGY184 Datasheet (PDF)

Go To PDF Page Download Datasheet
CGY184 Datasheet PDF - Siemens Semiconductor Group

Part # CGY184
Download  CGY184 Click to download

File Size   141.65 Kbytes
Page   14 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (Power amplifier for PCN applications 2.5 W 34dBm output power at 3.5 V)

CGY184 Datasheet (HTML) - Siemens Semiconductor Group


CGY184 Product details

GaAs MMIC

Preliminary Data
 • Power amplifier for PCN applications
 • 2.5 W (34dBm) output power at 3.5 V
 • Overall power added efficiency 43 %
 • Fully integrated 4 stage amplifier
 • Power ramp control
 • Input matched to 50 ohms, simple output match




Similar Part No. - CGY184

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY180 SIEMENS-CGY180 Datasheet
278Kb / 15P
GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
More results


Similar Description - CGY184

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY0918 SIEMENS-CGY0918 Datasheet
42Kb / 4P
GaAs MMIC (Dual band GSM/PCN power amplifier 35dBm / 34dBm output power at 3.5 V Two amplifiers in a single package)
CGY181 SIEMENS-CGY181 Datasheet
138Kb / 14P
GaAs MMIC (Power amplifier for PCN/PCS applications Fully integrated 2 stage amplifier)
CGY96 SIEMENS-CGY96 Datasheet
101Kb / 10P
GaAs MMIC (Power amplifier for GSM class 4 phones 3.2 W 35dBm output power at 3.5 V Overall power added efficiency 50%)
logo
Fairchild Semiconductor
RMPA2450 FAIRCHILD-RMPA2450 Datasheet
155Kb / 6P
2.4-2.5 GHz GaAs MMIC Power Amplifier
RMPA2451 FAIRCHILD-RMPA2451 Datasheet
489Kb / 7P
2.4-2.5 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
269Kb / 3P
GaAs MMIC Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0007-DIE MA-COM-AM42-0007-DIE_15 Datasheet
891Kb / 4P
GaAs MMIC Power Amplifier, 2.0 W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com