Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM63P636 Datasheet (PDF) - Motorola, Inc

MCM63P636 Datasheet PDF - Motorola, Inc
Part # MCM63P636
Download  MCM63P636 Download
File Size   328.46 Kbytes
Page   27 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM63P636 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM63P636 Datasheet PDF - Motorola, Inc

Part # MCM63P636
Download  MCM63P636 Click to download

File Size   328.46 Kbytes
Page   27 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM63P636 Datasheet (HTML) - Motorola, Inc


MCM63P636 Product details

64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM

The MCM63P636 is a 2M–bit synchronous fast static RAM designed to provide burstable, high performance, secondary cache for advanced microprocessors. It is organized as 64K words of 36 bits each. This device integrates input registers, an output register, a 2–bit address counter, and a high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows for precise cycle control with the use of an external clock (K) and external strobe clock (SK).
The MCM63P636 operates from a 3.3 V core power supply, a 2.0 V input power supply, and a 2.0 V I/O power supply. These power supplies are designed so that power sequencing is not required.

• MCM63P636–250 = 3.9 ns Access/4 ns Cycle (250 MHz)
  MCM63P636–225 = 4.3 ns Access/4.4 ns Cycle (225 MHz)
  MCM63P636–200 = 4.9 ns Access/5 ns Cycle (200 MHz)
• 3.3 V ± 200 mV VDD Supply, 2.0 V VDDI and VDDQ Supply
• Internally Self–Timed Late Write Cycle
• Three–Cycle Single–Read Latency
• Strobe Clock Input and Data Strobe Output Pins
• On–Chip Output Enable Control
• On–Chip Burst Advance Control
• Four–Tick Burst
• Power–On Reset Pin
• Low Power Stop Clock Operation
• Boundary Scan (PBGA Only)
• JEDEC Standard 153–Pin PBGA and 100–Pin TQFP Packages




Similar Part No. - MCM63P636

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100 MOTOROLA-MCM63P631ATQ100 Datasheet
228Kb / 16P
64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ100R MOTOROLA-MCM63P631ATQ100R Datasheet
228Kb / 16P
64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631ATQ117 MOTOROLA-MCM63P631ATQ117 Datasheet
228Kb / 16P
64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM63P636

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P631 MOTOROLA-MCM63P631 Datasheet
229Kb / 16P
64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P631A MOTOROLA-MCM63P631A Datasheet
228Kb / 16P
64K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com