Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69F819ZP8 Datasheet (PDF) - Motorola, Inc

MCM69F819ZP8 Datasheet PDF - Motorola, Inc
Part # MCM69F819ZP8
Download  MCM69F819ZP8 Download
File Size   274.5 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM

MCM69F819ZP8 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM69F819ZP8 Datasheet PDF - Motorola, Inc

Part # MCM69F819ZP8
Download  MCM69F819ZP8 Click to download

File Size   274.5 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM

MCM69F819ZP8 Datasheet (HTML) - Motorola, Inc


MCM69F819ZP8 Product details

The MCM69F819 is a 4M bit synchronous fast static RAM designed to provide a burstable, high performance, secondary cache for the PowerPC™ and other high performance microprocessors.
   
• MCM69F819–7.5: 7.5 ns Access/ 8.5 ns Cycle (117 MHz)
    MCM69F819–8: 8 ns Access/10 ns Cycle (100 MHz)
    MCM69F819–8.5: 8.5 ns Access/11 ns Cycle 90 MHz)
    MCM69F819–11: 11 ns Access/20 ns Cycle (50 MHz)
• 3.3 V + 10%, – 5% Core Power Supply, 2.5 V or 3.3 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• PB1 Version 2.0 Compatible
• JEDEC Standard 119–Pin PBGA and 100–Pin TQFP Packages
   




Similar Part No. - MCM69F819ZP8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6 MOTOROLA-MCM69F817ZP6 Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6.5 MOTOROLA-MCM69F817ZP6.5 Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6.5R MOTOROLA-MCM69F817ZP6.5R Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6R MOTOROLA-MCM69F817ZP6R Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM69F819ZP8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com