Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLZ4.7C Datasheet (PDF) - Frontier Electronics.

GLZ4.7C Datasheet PDF - Frontier Electronics.
Part # GLZ4.7C
Download  GLZ4.7C Download
File Size   124.38 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 500mW MINI MELF ZENER DIODE

GLZ4.7C Datasheet (PDF)

Go To PDF Page Download Datasheet
GLZ4.7C Datasheet PDF - Frontier Electronics.

Part # GLZ4.7C
Download  GLZ4.7C Click to download

File Size   124.38 Kbytes
Page   4 Pages
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.
Description 500mW MINI MELF ZENER DIODE

GLZ4.7C Datasheet (HTML) - Frontier Electronics.




Similar Part No. - GLZ4.7C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ4.7C EIC-GLZ4.7C Datasheet
44Kb / 3P
ZENER DIODES
logo
Pan Jit International I...
GLZ4.7C PANJIT-GLZ4.7C Datasheet
106Kb / 5P
SURFACE MOUNT ZENER DIODES
logo
Won-Top Electronics
GLZ4.7C WTE-GLZ4.7C Datasheet
65Kb / 6P
500mW SURFACE MOUNT ZENER DIODE
September, 2012
logo
Frontier Electronics.
GLZ4.7C-LFR FRONTIER-GLZ4.7C-LFR Datasheet
123Kb / 4P
500mW MINI MELF ZENER DIODE
More results


Similar Description - GLZ4.7C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
500mW 5% mini-M.E.L.F ZENER DIODE
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
Micro MELF ZENER DIODE 2.5% 500mW
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
500mW Mini MELF Zener Diodes
logo
Frontier Electronics.
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
500mW Mini melf ZENER Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com