Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC1002S020 Datasheet (PDF) - Integrated Device Technology

ADC1002S020 Datasheet PDF - Integrated Device Technology
Part # ADC1002S020
Download  ADC1002S020 Download
File Size   426.04 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Single 10 bits ADC, up to 20 MHz

ADC1002S020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1002S020 Datasheet PDF - Integrated Device Technology

Part # ADC1002S020
Download  ADC1002S020 Click to download

File Size   426.04 Kbytes
Page   18 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Single 10 bits ADC, up to 20 MHz

ADC1002S020 Datasheet (HTML) - Integrated Device Technology


ADC1002S020 Product details

General description
The ADC1002S020 is a 10-bit high-speed Analog-to-Digital Converter (ADC) for professional video and other applications. It converts with 3.0 V to 5.25 V operation the analog input signal into 10-bit binary-coded digital words at a maximum sampling rate of 20 MHz. All digital inputs and outputs are CMOS compatible. A standby mode allows a reduction of the device power consumption to 4 mW.

Features
■ 10-bit resolution
■ 3.0 V to 5.25 V operation
■ Sampling rate up to 20 MHz
■ DC sampling allowed
■ High signal-to-noise ratio over a large analog input frequency range (9.3 effective bits at 1.0 MHz; full-scale input at fclk = 20 MHz)
■ In-Range (IR) CMOS output
■ CMOS/Transistor-Transistor Logic (TTL) compatible digital inputs and outputs
■ External reference voltage regulator
■ Power dissipation only 53 mW (typical value)
■ Low analog input capacitance, no buffer amplifier required
■ Standby mode
■ No sample-and-hold circuit required

Applications
■ Video data digitizing
■ Camera
■ Camcorder
■ Radio communication
■ Barcode scanner




Similar Part No. - ADC1002S020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
Single 10 bits ADC, up to 20 MHz
2 July 2012
logo
NXP Semiconductors
ADC1002S020HL NXP-ADC1002S020HL Datasheet
127Kb / 19P
Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
More results


Similar Description - ADC1002S020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1005S060 NXP-ADC1005S060 Datasheet
113Kb / 19P
Single 10 bits ADC, up to 60 MHz
Rev. 02-13 August 2008
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
ADC1005S060 IDT-ADC1005S060 Datasheet
436Kb / 18P
Single 10 bits ADC, up to 60 MHz
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
Single 10 bits ADC, up to 60 MHz
2 July 2012
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com