Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53AFN-B28-A15L Datasheet (PDF) - Bourns Electronic Solutions

53AFN-B28-A15L Datasheet PDF - Bourns Electronic Solutions
Part # 53AFN-B28-A15L
Download  53AFN-B28-A15L Download
File Size   273.35 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 51/53 - Sealed 1/2 ??(12.5 mm) Square Control

53AFN-B28-A15L Datasheet (PDF)

Go To PDF Page Download Datasheet
53AFN-B28-A15L Datasheet PDF - Bourns Electronic Solutions

Part # 53AFN-B28-A15L
Download  53AFN-B28-A15L Click to download

File Size   273.35 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 51/53 - Sealed 1/2 ??(12.5 mm) Square Control

53AFN-B28-A15L Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 53AFN-B28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
53AAD-B28-E13L BOURNS-53AAD-B28-E13L Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
53AAD-B28-E17L BOURNS-53AAD-B28-E17L Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
53AAD-B28-E22L BOURNS-53AAD-B28-E22L Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
53AAD-B28-S15L BOURNS-53AAD-B28-S15L Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
53AAD-B28-S23L BOURNS-53AAD-B28-S23L Datasheet
87Kb / 2P
New Bourns Amplifi er Potentiometer Design Kits Released
More results


Similar Description - 53AFN-B28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3310-9 BOURNS-3310-9 Datasheet
252Kb / 5P
Square Sealed Panel Control
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
51/53 - Sealed 1/2 ??(12.5 mm) Square Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
3310 - 9 mm Square Sealed Panel Control
3360 BOURNS-3360 Datasheet
162Kb / 2P
6 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
3310 - 9 mm Square Sealed Panel Control
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
Sealed 1/2 (12.5 mm) Square Control
56AAD-C28-B15 BOURNS-56AAD-C28-B15 Datasheet
318Kb / 4P
Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch
logo
Vishay Siliconix
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
12.5 mm Square Modular Single-Turn Cermet Trimmer
03-Apr-17
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com