Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1814 Datasheet (PDF) - Sony Corporation

CXA1814 Datasheet PDF - Sony Corporation
Part # CXA1814
Download  CXA1814 Download
File Size   374.18 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8 mm VCR ATF

CXA1814 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1814 Datasheet PDF - Sony Corporation

Part # CXA1814
Download  CXA1814 Click to download

File Size   374.18 Kbytes
Page   20 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8 mm VCR ATF

CXA1814 Datasheet (HTML) - Sony Corporation


CXA1814 Product details

Description
The CXA1814N is an IC developed for ATF (Automatic Track Finding) in 8 mm VCRs, and integrates the major functions necessary for ATF onto a single chip.

Features
• Built-in pilot signal detector and BPF
• Adopts a high-precision analog filter with no switching noise
• Built-in SP/LP identification circuit and clog detection circuit
• Low noise, high-precision bipolar process

Applications
    ATF for 8 mm VCRs




Similar Part No. - CXA1814

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
S-terminal Compatible Video I/O
More results


Similar Description - CXA1814

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
logo
Sony Corporation
CXA1203M SONY-CXA1203M Datasheet
579Kb / 26P
8 mm VCR PAL JOG
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
8 mm VCR LUMINANCE SIGNAL PROCESSING
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
8 mm VCR COLOR SIGNAL PROCESSING
CXA1481AQ SONY-CXA1481AQ Datasheet
496Kb / 20P
8 mm VCR ATF
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
8 mm VCR AFM SIGNAL PROCESSOR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
8 mm VCR AFM STEREO MATRIX
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
4-channel REC/PB Amplifier for 8 mm VCR
CXA1737R SONY-CXA1737R Datasheet
513Kb / 36P
AFM Stereo Signal Processor for 8 mm VCR
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
AFM Monaural Signal Processor for 8 mm VCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com