Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2038R Datasheet (PDF) - Sony Corporation

CXA2038R Datasheet PDF - Sony Corporation
Part # CXA2038R
Download  CXA2038R Download
File Size   472.82 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description AFM Monaural Signal Processor for 8 mm VCR

CXA2038R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA2038R Datasheet PDF - Sony Corporation

Part # CXA2038R
Download  CXA2038R Click to download

File Size   472.82 Kbytes
Page   28 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description AFM Monaural Signal Processor for 8 mm VCR

CXA2038R Datasheet (HTML) - Sony Corporation


CXA2038R Product details

Description
The CXA2038R is a bipolar IC designed as an AFM monaural signal processor for 8 mm VCRs. All functions necessary for AFM monaural are concentrated onto a single 64-pin LQFP.

Features
• Low supply voltage (3.15 V) design
• Low power consumption (VCC=3.15 V)
    Recording: 65 mW
    Playback: 103 mW
• Built-in BPF (1.5 MHz)
• FM modulator center frequency made nonadjusting.
• Supports NTSC and PAL
• Enables both parallel and 3-line serial mode control
• Supports electronic volume (EVR) control

Applications
    8 mm VCRs




Similar Part No. - CXA2038R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
2-channel REC/PB Amplifier for 8 mm VTR
CXA2039M SONY-CXA2039M Datasheet
133Kb / 11P
Base Band Hue/Color Control
More results


Similar Description - CXA2038R

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
logo
Sony Corporation
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
8 mm VCR LUMINANCE SIGNAL PROCESSING
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
8 mm VCR COLOR SIGNAL PROCESSING
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
8 mm VCR AFM SIGNAL PROCESSOR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
8 mm VCR AFM STEREO MATRIX
CXA1737R SONY-CXA1737R Datasheet
513Kb / 36P
AFM Stereo Signal Processor for 8 mm VCR
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
Luminance signal processor ic for vcr
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
SECAM Chroma-Signal Processor IC for VCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com