Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1813 Datasheet (PDF) - NTE Electronics

NTE1813 Datasheet PDF - NTE Electronics
Part # NTE1813
Download  NTE1813 Download
File Size   25.75 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Color Signal Processor for VCR

NTE1813 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1813 Datasheet PDF - NTE Electronics

Part # NTE1813
Download  NTE1813 Click to download

File Size   25.75 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Color Signal Processor for VCR

NTE1813 Datasheet (HTML) - NTE Electronics


NTE1813 Product details

Description:

The NTE1813 is an integrated circuit in a 22–Lead DIP type package. When combined with the NTE1814, this device provides the functions which process VCR color signals at the 2H/4H/6H mode is NTSC systems.



Features:

• Low Operating Supply Voltage: VCC = 5V

• Low Power Consumption: 110mW

• AFC and APC System in Recording Mode. APC System Only During Playback Mode.

• Better S/N Ratio by Chroma ACC (2H/6H Mode).



 




Similar Part No. - NTE1813

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE181 NTE-NTE181 Datasheet
23Kb / 2P
Silicon Power Transistor High Power Audio Amplifier
NTE1810 NTE-NTE1810 Datasheet
26Kb / 3P
Integrated Circuit Color TV Video System
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
Integrated Circuit Capstan Interface Circuit for VCR
NTE1814 NTE-NTE1814 Datasheet
24Kb / 3P
Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1815 NTE-NTE1815 Datasheet
24Kb / 2P
Integrated Circuit Module, AF PO, 20W, Dual Power Supply
More results


Similar Description - NTE1813

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1266 NTE-NTE1266 Datasheet
20Kb / 2P
Integrated Circuit Color AGC Circuit for VCR
NTE1408 NTE-NTE1408 Datasheet
24Kb / 2P
Integrated Circuit CMOS, Color Signal Processor for VCR
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1556 NTE-NTE1556 Datasheet
21Kb / 2P
Integrated Circuit VIR Signal Processor for Color TV
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
Integrated Circuit Color ACC Circuit for VCR
NTE1712 NTE-NTE1712 Datasheet
21Kb / 2P
Integrated Circuit Record Video Signal Processor for VCR
NTE1808 NTE-NTE1808 Datasheet
26Kb / 3P
Integrated Circuit Playback Video Processor for VCR
NTE1814 NTE-NTE1814 Datasheet
24Kb / 3P
Integrated Circuit CMOS, Color Processing Circuit for VCR
NTE1473 NTE-NTE1473 Datasheet
76Kb / 3P
Integrated Circuit Color & Video Signal Processor
NTE1422 NTE-NTE1422 Datasheet
87Kb / 3P
Integrated Circuit Playback Video Signal Processor for VCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com