Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1815 Datasheet (PDF) - NTE Electronics

NTE1815 Datasheet PDF - NTE Electronics
Part # NTE1815
Download  NTE1815 Download
File Size   24.19 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module, AF PO, 20W, Dual Power Supply

NTE1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1815 Datasheet PDF - NTE Electronics

Part # NTE1815
Download  NTE1815 Click to download

File Size   24.19 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Module, AF PO, 20W, Dual Power Supply

NTE1815 Datasheet (HTML) - NTE Electronics


NTE1815 Product details

Features:

• Small–Sized Package Allows Audio Sets to be made Slimmer

• Facilitates Thermal Design of Slim Stereo Sets

• Constant–Current Circuit Minimizes Pop Noise During Power ON/OFF

• Possible to Design Electronic Supplementary Circuits:

   Pop Noise Muting During Power ON/OFF

   Load Short–Circuit Protector

   Thermal Shutdown



 




Similar Part No. - NTE1815

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE181 NTE-NTE181 Datasheet
23Kb / 2P
Silicon Power Transistor High Power Audio Amplifier
NTE1810 NTE-NTE1810 Datasheet
26Kb / 3P
Integrated Circuit Color TV Video System
NTE1812 NTE-NTE1812 Datasheet
23Kb / 2P
Integrated Circuit Capstan Interface Circuit for VCR
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
Integrated Circuit Color Signal Processor for VCR
NTE1814 NTE-NTE1814 Datasheet
24Kb / 3P
Integrated Circuit CMOS, Color Processing Circuit for VCR
More results


Similar Description - NTE1815

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1358 NTE-NTE1358 Datasheet
19Kb / 2P
Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE1798 NTE-NTE1798 Datasheet
21Kb / 2P
Integrated Circuit Dual, AF PO, 6W/Ch
NTE1817 NTE-NTE1817 Datasheet
23Kb / 2P
Integrated Circuit Module, AF PO, 20W, Dual Power Supply
NTE1818 NTE-NTE1818 Datasheet
23Kb / 2P
Integrated Circuit Module, AF PO, 25W/Ch, Dual Power Supply
NTE1820 NTE-NTE1820 Datasheet
31Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1875 NTE-NTE1875 Datasheet
21Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1877 NTE-NTE1877 Datasheet
22Kb / 2P
Integrated Circuit Module, Dual AF PO, 28W/Ch, Dual Power Supply
NTE7030 NTE-NTE7030 Datasheet
24Kb / 2P
Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE1874 NTE-NTE1874 Datasheet
81Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch Dual Power Supply
NTE1316 NTE-NTE1316 Datasheet
77Kb / 2P
Integrated Circuit Module, Dual, AF PO, 50W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com