Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1798 Datasheet (PDF) - NTE Electronics

NTE1798 Datasheet PDF - NTE Electronics
Part # NTE1798
Download  NTE1798 Download
File Size   21.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual, AF PO, 6W/Ch

NTE1798 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1798 Datasheet PDF - NTE Electronics

Part # NTE1798
Download  NTE1798 Click to download

File Size   21.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual, AF PO, 6W/Ch

NTE1798 Datasheet (HTML) - NTE Electronics


NTE1798 Product details

Features:

• High–Output, Dual–Channel AF Power IC:

   PO = 6W x 2, VCC = 25V, RL = 8Ω, f = 1kHz

• Low Distortion: THD = 0.1%, VCC = 25V, RL = 8Ω, f = 1kHz, PO = 2W

• Minimum Number of External Components Required (No Bootstrap Capacitor Required)

• Low Pop Noise at Time of Power Switch ON/OFF

• High Ripple Rejection: 58dB Typ

• Wide Supply Voltage Range: 10V to 32V

• On–Chip Protection Against Abnormality (Thermal Shutdown, Overvoltage)



 




Similar Part No. - NTE1798

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE179 NTE-NTE179 Datasheet
23Kb / 2P
Germanium PNP Transistor Audio Power Amplifier, High Current Switch
NTE1790 NTE-NTE1790 Datasheet
49Kb / 6P
Integrated Circuit Video IF, Chroma Deflection
NTE1791 NTE-NTE1791 Datasheet
21Kb / 2P
Integrated Circuit TV Remote Control Amplifier
NTE1792 NTE-NTE1792 Datasheet
21Kb / 2P
Integrated Circuit Dual Attenuator
NTE1794 NTE-NTE1794 Datasheet
23Kb / 2P
Integrated Circuit Volatge Controlled Amp (VCA) for dbx Noise Reduction System
More results


Similar Description - NTE1798

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1358 NTE-NTE1358 Datasheet
19Kb / 2P
Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE1815 NTE-NTE1815 Datasheet
24Kb / 2P
Integrated Circuit Module, AF PO, 20W, Dual Power Supply
NTE1816 NTE-NTE1816 Datasheet
23Kb / 2P
Integrated Circuit Module, Dual AF PO, 6W/Ch Dual Power Supplies Req?셝
NTE1817 NTE-NTE1817 Datasheet
23Kb / 2P
Integrated Circuit Module, AF PO, 20W, Dual Power Supply
NTE1818 NTE-NTE1818 Datasheet
23Kb / 2P
Integrated Circuit Module, AF PO, 25W/Ch, Dual Power Supply
NTE1820 NTE-NTE1820 Datasheet
31Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1875 NTE-NTE1875 Datasheet
21Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch, Dual Power Supply
NTE1877 NTE-NTE1877 Datasheet
22Kb / 2P
Integrated Circuit Module, Dual AF PO, 28W/Ch, Dual Power Supply
NTE1874 NTE-NTE1874 Datasheet
81Kb / 2P
Integrated Circuit Module, Dual AF PO, 30W/Ch Dual Power Supply
NTE1316 NTE-NTE1316 Datasheet
77Kb / 2P
Integrated Circuit Module, Dual, AF PO, 50W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com