Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1791 Datasheet (PDF) - NTE Electronics

NTE1791 Datasheet PDF - NTE Electronics
Part # NTE1791
Download  NTE1791 Download
File Size   21.73 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Remote Control Amplifier

NTE1791 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1791 Datasheet PDF - NTE Electronics

Part # NTE1791
Download  NTE1791 Click to download

File Size   21.73 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit TV Remote Control Amplifier

NTE1791 Datasheet (HTML) - NTE Electronics


NTE1791 Product details

Description:

The NTE1791 is a silicon monolithic integrated circuit in a 9–Lead SIP type package designed for remote control preamplification of infrared signals. A PIN photo diode can be directly connected to the input terminal.

This device contains a high gain amplifier, a peak detector, and an output waveform shaper which are necessary for a remote control preamplifier and has improved light interference–rejection characteristics by use of a two–stage tuning circuit.

The NTE1791 output polarity is active “LOW”.



Features:

• Good Immunity from Light Interference: Narrow Bandwidth ±1.3kHz Typ.

• Operation Voltage: 6V ±10%

• Low Power Consumption: 2.4mA Typ.

• High Input Sensitivity: 50µVP–P Typ.

• Peak Detector: The Detector Level is Varied with the Input Signal Level.

• Output Terminal: Open Collector Output. Easy to Interface to Other Devices.



 




Similar Part No. - NTE1791

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE179 NTE-NTE179 Datasheet
23Kb / 2P
Germanium PNP Transistor Audio Power Amplifier, High Current Switch
NTE1790 NTE-NTE1790 Datasheet
49Kb / 6P
Integrated Circuit Video IF, Chroma Deflection
NTE1792 NTE-NTE1792 Datasheet
21Kb / 2P
Integrated Circuit Dual Attenuator
NTE1794 NTE-NTE1794 Datasheet
23Kb / 2P
Integrated Circuit Volatge Controlled Amp (VCA) for dbx Noise Reduction System
NTE1795 NTE-NTE1795 Datasheet
19Kb / 2P
Integrated Circuit RMS Level Sensor for dbx Noise Reduction System
More results


Similar Description - NTE1791

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1300 NTE-NTE1300 Datasheet
21Kb / 2P
Integrated Circuit TV Remote Control
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
Integrated Circuit Remote Control Preamplifier
NTE1682 NTE-NTE1682 Datasheet
20Kb / 2P
Integrated Circuit Pre-Amplifier Circuit for Remote Control Signal Receivers
NTE1714M NTE-NTE1714M Datasheet
19Kb / 2P
Integrated Circuit Remote Control Amplifier/Detector
NTE1714S NTE-NTE1714S Datasheet
19Kb / 2P
Integrated Circuit Remote Control Amplifier/Detector
NTE1738 NTE-NTE1738 Datasheet
24Kb / 3P
Integrated Circuit TV Remote Control Receiver
NTE1757 NTE-NTE1757 Datasheet
35Kb / 3P
Integrated Circuit Remote Control Receiver
NTE1758 NTE-NTE1758 Datasheet
26Kb / 3P
Integrated Circuit CMOS, 27 Command TV Remote Control Transmitter
NTE1759 NTE-NTE1759 Datasheet
23Kb / 2P
Integrated Circuit PMOS, 26 Command TV Remote Control Reciever
NTE1783 NTE-NTE1783 Datasheet
29Kb / 2P
Integrated Circuit TV Volume Control Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com