Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1792 Datasheet (PDF) - NTE Electronics

NTE1792 Datasheet PDF - NTE Electronics
Part # NTE1792
Download  NTE1792 Download
File Size   21.81 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Attenuator

NTE1792 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1792 Datasheet PDF - NTE Electronics

Part # NTE1792
Download  NTE1792 Click to download

File Size   21.81 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Attenuator

NTE1792 Datasheet (HTML) - NTE Electronics


NTE1792 Product details

Description:

The NTE1792 is a silicon monolithic integrated circuit in a 9–Lead SIP package designed for sound control applications.



Features:

• Two separate attenuators

• The characteristic control curve is linear against logarithmic output.

• Channel Separation: 64dB MIN

• Typical Application: Sound MPX attenuator for TV, Radio and mobile receiver.



 




Similar Part No. - NTE1792

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE179 NTE-NTE179 Datasheet
23Kb / 2P
Germanium PNP Transistor Audio Power Amplifier, High Current Switch
NTE1790 NTE-NTE1790 Datasheet
49Kb / 6P
Integrated Circuit Video IF, Chroma Deflection
NTE1791 NTE-NTE1791 Datasheet
21Kb / 2P
Integrated Circuit TV Remote Control Amplifier
NTE1794 NTE-NTE1794 Datasheet
23Kb / 2P
Integrated Circuit Volatge Controlled Amp (VCA) for dbx Noise Reduction System
NTE1795 NTE-NTE1795 Datasheet
19Kb / 2P
Integrated Circuit RMS Level Sensor for dbx Noise Reduction System
More results


Similar Description - NTE1792

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1435 NTE-NTE1435 Datasheet
18Kb / 2P
Integrated Circuit Dual Audio Preamp
NTE1439 NTE-NTE1439 Datasheet
21Kb / 2P
Integrated Circuit Dual Attenuator
NTE1458 NTE-NTE1458 Datasheet
17Kb / 2P
Integrated Circuit Dual Audio Preamp
NTE1718 NTE-NTE1718 Datasheet
19Kb / 2P
Integrated Circuit Dual Comparator
NTE1730 NTE-NTE1730 Datasheet
18Kb / 2P
Integrated Circuit Dual Preamp
NTE829 NTE-NTE829 Datasheet
23Kb / 2P
Integrated Circuit Electronics Attenuator, 90dB @ 1kHz
NTE978 NTE-NTE978 Datasheet
28Kb / 3P
Integrated Circuit Dual Timer
logo
NEC
UPC1406HA NEC-UPC1406HA Datasheet
341Kb / 7P
DUAL ATTENUATOR(BIPOLAR ANALOG INTERGRATED CIRCUIT
logo
NTE Electronics
NTE911 NTE-NTE911 Datasheet
78Kb / 3P
Integrated Circuit Dual Voltage Comparator
logo
Leshan Radio Company
LBSS138V33T1G LRC-LBSS138V33T1G_15 Datasheet
396Kb / 3P
Dual Integrated Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com