Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1829N Datasheet (PDF) - Sony Corporation

CXA1829N Datasheet PDF - Sony Corporation
Part # CXA1829N
Download  CXA1829N Download
File Size   264.16 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive

CXA1829N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA1829N Datasheet PDF - Sony Corporation

Part # CXA1829N
Download  CXA1829N Click to download

File Size   264.16 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive

CXA1829N Datasheet (HTML) - Sony Corporation


CXA1829N Product details

Description
The CXA1829N is a Read/Write amplifier for hard disk drive thin-film heads and is designed to handle up to 8-channel heads.

Features
• Operates on a single 5V power supply.
• Low power consumption. Read: 115 mW Write (IW = 15 mA): 160 mW + IW × 5 Power Save: 7 mW
• Write current can be varied through an external resistor. Built-in stabilizer circuit provides stable current, preventing voltage and temperature drift.
• Drives up to 8 heads.
• Supports thin film heads or 2-pin MIG heads.
• Emitter follower-type Read amplifier features 290 times gain (typ.).
• Write-unsafe detection circuit.
• Damping resistance is switched at Write (315 Ω).
• Simultaneous Write function.
• Supply voltage monitor circuit prohibits error writing during power surge or abnormal voltage.
• IC protection circuit for head-to-ground short circuit protection.
• Differential input capacitance at Read: 14 pF (typ.).
• Write data input minimum pulse width: 10 ns
• Read data output in Write mode becomes a high impedance due to the improved Read data offset when Write is switched to Read.
• Non-selected head DC voltage falls to GND level.




Similar Part No. - CXA1829N

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P227F CREE-CXA1820-0000-000N00P227F Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P227H CREE-CXA1820-0000-000N00P227H Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P427F CREE-CXA1820-0000-000N00P427F Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
CXA1820-0000-000N00P427H CREE-CXA1820-0000-000N00P427H Datasheet
1Mb / 15P
LED array expands Cree?셲 family of high?멹lux, multi-die arrays
Rev 0A
More results


Similar Description - CXA1829N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
TDA5360 PHILIPS-TDA5360 Datasheet
198Kb / 34P
Pre-Amplifier for Hard Disk Drive with MR-Read / Inductive Write Heads
1998 Jul 30
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com