Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3092N Datasheet (PDF) - Sony Corporation

CXA3092N Datasheet PDF - Sony Corporation
Part # CXA3092N
Download  CXA3092N Download
File Size   192.41 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive

CXA3092N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3092N Datasheet PDF - Sony Corporation

Part # CXA3092N
Download  CXA3092N Click to download

File Size   192.41 Kbytes
Page   18 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive

CXA3092N Datasheet (HTML) - Sony Corporation


CXA3092N Product details

Description
The CXA3092N is a Read/Write Amplifier for the thin film head of hard disk drive and designed to handle up to 4 channel heads.

Features
• Operate on single +5 V power supply
• Low power consumption
    Read : 85 mW
    Write : 115 mW + IW ×5
    Idle : 8 mW
• Designed for two terminal thin-film or MIG heads
• Read amplifier emitter follower output featuring 325 times gain (typ).
• Differential input capacitance for Read : 6pF (typ)
• Input noise : 0.47 nV / √ Hz (typ)
• Write current range : 5 to 15 mA
• Differential Head voltage swing : 6.8 Vp-p (typ)
• Differential P-ECL write data input
• Built-in write unsafe detection circuit.
• Built-in Servo write function (2/4 ch).
• Built-in IC protection circuit for short of head to GND.
• Read data outputs are high impedance in write mode.
• Unselected head voltage is GND potential.
• Built-in supply voltage monitor circuit prohibits incorrect write during power on or abnormal voltage.
• Self switching damping resistance (RD = 350 Ω).

Function
    Read, Write and Write unsafe detection for HDD, power supply ON/OFF detection.




Similar Part No. - CXA3092N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
IF Amplifier for M-ary FSK Pagers
More results


Similar Description - CXA3092N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1829N SONY-CXA1829N Datasheet
264Kb / 15P
8ch. Read/Write Amplifier for Thin Film Heads of Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com