Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3541N Datasheet (PDF) - Sony Corporation

CXA3541N Datasheet PDF - Sony Corporation
Part # CXA3541N
Download  CXA3541N Download
File Size   190.29 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive

CXA3541N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3541N Datasheet PDF - Sony Corporation

Part # CXA3541N
Download  CXA3541N Click to download

File Size   190.29 Kbytes
Page   17 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive

CXA3541N Datasheet (HTML) - Sony Corporation


CXA3541N Product details

Description
The CXA3541N is a read/write amplifier for GMR-Ind (Giant Magneto Resistive-Inductive) heads used in hard disk drives, and is capable of supporting up to two channels.

Features
• +5V and –3V power supply
• Current bias voltage sense type
• Low power 180mW at read
• Differential read amplifier gain; ×100/135 (RMR = 50Ω)
• Input noise of 0.77nV/√ Hz (typ.), RMR = 50Ω, IB = 5.9mA
• Recovery time write to read; 300ns (typ.)
• Write data is triggered by differential P-ECL signal
• Servo bank write
• Write unsafe detection circuit
• Serial port
    Head selection
    MR bias
    Write current

Applications
    Hard disk drives with GMR-Ind heads




Similar Part No. - CXA3541N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3503 SONY-CXA3503 Datasheet
420Kb / 42P
Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
Driver/Timing Generator for Color LCD Panels
CXA3506R SONY-CXA3506R Datasheet
2Mb / 110P
3-channel 8-bit 120MSPS A/D Converter Amplifier PLL
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3512R SONY-CXA3512R Datasheet
371Kb / 24P
LCD Driver
More results


Similar Description - CXA3541N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
Read/Write IC for Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
HARD DISK DRIVE READ CHANNEL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com