Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3099N Datasheet (PDF) - Sony Corporation

CXA3099N Datasheet PDF - Sony Corporation
Part # CXA3099N
Download  CXA3099N Download
File Size   261.23 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA3099N Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA3099N Datasheet PDF - Sony Corporation

Part # CXA3099N
Download  CXA3099N Click to download

File Size   261.23 Kbytes
Page   15 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description IF Amplifier for M-ary FSK Pagers

CXA3099N Datasheet (HTML) - Sony Corporation


CXA3099N Product details

Description
The CXA3099N is a low current consumption FM IF amplifier which employs the newest bipolar process.  It is suitable for M-ary FSK pagers.

Features
• Low current consumption: 590 µA (typ. at VCC = 1.4 V)
• Low voltage operation: VCC = 1.1 to 4.0 V
• Small package 16-pin SSOP
• Needless of IF decoupling capacitor
• Reference power supply for operational amplifier and comparator
• IF input, VCC standard

Applications
    M-ary FSK pagers




Similar Part No. - CXA3099N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
All Band TV Tuner IC (VHF-CATV-UHF)
More results


Similar Description - CXA3099N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
Multimelody IC for Pagers
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
Multimelody IC for Pagers
logo
Sony Corporation
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
M-ary FSK Demodulating Comparator
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
IF Amplifier for M-ary FSK Pagers
CXA3117AN SONY-CXA3117AN Datasheet
394Kb / 30P
IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
FM IF IC FOR PAGERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com